Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7766 Datasheet HTML 7Page - Analog Devices AD7766 Datasheet HTML 8Page - Analog Devices AD7766 Datasheet HTML 9Page - Analog Devices AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices AD7766 Datasheet HTML 14Page - Analog Devices AD7766 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Preliminary Technical Data
AD7766
Rev. PrD | Page 11 of 18
TERMINOLOGY
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
ms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental.
For the AD7766, it is defined as
()
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second to
the sixth harmonics.
Nonharmonic Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of the rms signal amplitude to the rms value
of the peak spurious spectral component, excluding harmonics.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to
the rms noise measured with the inputs shorted together. The
value for the dynamic range is expressed in decibels.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion products
at sum and difference frequencies of mfa ± nfb, where m, n = 0,
1, 2, 3, and so on. Intermodulation distortion terms are those
for which neither m nor n are equal to 0. For example, the second-
order terms include (fa + fb) and (fa − fb), and the third-order
terms include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7766 is tested using the CCIF standard, where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves, and the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion is
as per the THD specification, where it is the ratio of the rms
sum of the individual distortion products to the rms amplitude
of the sum of the fundamentals expressed in decibels.
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function.
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal
1 LSB change between any two adjacent codes in the ADC.
Zero Error
Zero error is the difference between the ideal midscale input
voltage (when both inputs are shorted together) and the actual
voltage producing the midscale output code.
Zero Error Drift
Zero error drift is the change in the actual zero error value due
to a temperature change of 1°C. It is expressed as a percentage
of full scale at room temperature.
Gain Error
The first transition (from 100 … 000 to 100 … 001) should
occur for an analog voltage ½ LSB above the nominal negative
full scale. The last transition (from 011 … 110 to 011 … 111)
should occur for an analog voltage 1½ LSB below the nominal
full scale. The gain error is the deviation of the difference
between the actual level of the last transition and the actual
level of the first transition, from the difference between the
ideal levels.
Gain Error Drift
Gain error drift is the change in the actual gain error value due
to a temperature change of 1°C. It is expressed as a percentage
of full scale at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com