Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 3 Page - Analog Devices

  AD7766 Datasheet HTML 1Page - Analog Devices AD7766 Datasheet HTML 2Page - Analog Devices AD7766 Datasheet HTML 3Page - Analog Devices AD7766 Datasheet HTML 4Page - Analog Devices AD7766 Datasheet HTML 5Page - Analog Devices AD7766 Datasheet HTML 6Page - Analog Devices AD7766 Datasheet HTML 7Page - Analog Devices AD7766 Datasheet HTML 8Page - Analog Devices AD7766 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary Technical Data
AD7766
Rev. PrD | Page 3 of 18
AD7766/AD7766-1/AD7766-2—SPECIFICATIONS
Table 2. AVDD = DVDD = 2.5 V ± 5%, VDRIVE = 1.8 V to 3.6 V, VREF = 5 V, MCLK = 1MHz, TA = -40°C to +105°C, unless otherwise
noted
Parameter
Test Conditions/Comments
Specifcation
Unit
OUTPUT DATA RATE
AD7766
Decimate × 8
125
KHz max
AD7766-1
Decimate × 16
62.5
KHz max
AD7766-2
Decimate × 32
31.25
KHz max
ANALOG INPUT1
Differential Input Voltage
Vin(+) – Vin(-)
±VREF
V pk-pk
Absolute Input Voltage
Vin(+)
Vin(-)
-0.1 | +VREF + 0.1
-0.1 | +VREF + 0.1
V min | max
Common mode Input Voltage
VREF/2 ± 0.1
V
Input Capacitance
pF typ
Differential Input Impedance
Ohms
DYNAMIC PERFORMANCE
AD7766
Decimate by 8, ODR = 125 ksps
Dynamic Range2
Shorted inputs
dB typ
Signal to Noise Ratio (SNR)2
108
dB typ
Spurious Free Dynamic Range (SFDR)2
TBD
dBFS typ
Total Harmonic Distortion (THD) 2
-96
dB max
Intermodulation Distortion (IMD) 2
TBD
dB typ
AD7766-1
Decimate by 16, ODR = 62.5 ksps
Dynamic Range2
Shorted inputs
dB typ
Signal to Noise Ratio (SNR)2
111
dB typ
Spurious Free Dynamic Range2 (SFDR)
TBD
dBFS typ
Total Harmonic Distortion (THD) 2
-96
dB max
Intermodulation Distortion (IMD) 2
TBD
dB typ
AD7766-2
Decimate by 32, ODR = 31.25 ksps
Dynamic Range2
Shorted inputs
dB typ
Signal to Noise Ratio (SNR) 2
114
dB typ
Spurious Free Dynamic Range (SFDR)2
TBD
dBFS typ
Total Harmonic Distortion (THD) 2
-96
dB max
Intermodulation Distortion (IMD) 2
TBD
dB typ
DC ACCURACY1
Resolution
No Missing Codes
24
Bits
Differential Nonlinearity2
Guaranteed monotonic to 24 bits
Integral Nonlinearity2
16 bit linearity
15
ppm
Zero Error2
TBD
% typ
Gain Error2
TBD
% typ
Zero Error Drift2
±25
nV/°C typ
Gain Error Drift2
±0.3
ppm/°C typ
Power Supply Rejection2
f = 50Hz, 60Hz
TBD
dB typ
Common mode rejection2
TBD
dB
DIGITAL FILTER RESPONSE1
Group Delay
37/ODR
µs typ
Settling time (latency)
Complete Settling
74/ODR
µs typ
Passband ripple
±0.005
dB max
Passband
TBD
Hz
-3dB bandwidth
TBD
Hz
Stopband
TBD
Hz
Stopband Attenuation
100
dB min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com