Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices AD7766 Datasheet HTML 14Page - Analog Devices AD7766 Datasheet HTML 15Page - Analog Devices AD7766 Datasheet HTML 16Page - Analog Devices AD7766 Datasheet HTML 17Page - Analog Devices AD7766 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Preliminary Technical Data
AD7766
DIGITAL FILTERING
The AD7766 has an on-board digital FIR filter. The FIR filter’s
decimation rate is preset for each AD7766 model (See Table 6
for details). The digital filter consists of three separate filter
blocks. Figure 19 shows the three constituent blocks of the filter.
The order of decimation of the first filter block is either set as
either 2, 4 or 8. The remaining sections have a decimation rate
of 2. The settling time of the filter implemented on the AD7766,
AD7766-1 and AD7766-2 is related to the amount of
decimation employed, the filter settling time of each device is
shown in Table 7.
Digital Filter
Stage 1
Stage 2
Stage 3
Dec x (2 x n)
Dec x 2
Dec x 2
Data
Stream
SDO
7th Order
Sinc Filter
FIR Filter
FIR Filter
Figure 19.FIR filter stages
(n = 1 for AD7766, n= 2 for AD7766-1, n = 4 for AD7766-2)
The response of the digital filter on board the AD7766 is shown
in Figure 20.. The filter provides stop-band attenuation of
100dB and passband ripple of ± 0.005dB.
105
104
103
0
-20
-40
-60
-80
-100
(Hz)
( dB )
Figure 20.AD7766 Filter Response for AD7766 (MCLK =1Mhz, ODR = 125Khz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com