Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 1 Page - Analog Devices

  AD7766 Datasheet HTML 1Page - Analog Devices AD7766 Datasheet HTML 2Page - Analog Devices AD7766 Datasheet HTML 3Page - Analog Devices AD7766 Datasheet HTML 4Page - Analog Devices AD7766 Datasheet HTML 5Page - Analog Devices AD7766 Datasheet HTML 6Page - Analog Devices AD7766 Datasheet HTML 7Page - Analog Devices AD7766 Datasheet HTML 8Page - Analog Devices AD7766 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
24-Bit, 10mW, 125ksps Analog to Digital
Converter in 16 lead TSSOP
Preliminary Technical Data
AD7766
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
High performance 24-bit ADC
114dB SNR at 31.25 KHz output data rate
111dB SNR at 62.5 KHz output data rate
108dB SNR at 125 KHz output data rate
Max 20mW Power Consumption
10mW typ at 31.25 KHz output data rate
12mW typ at 62.5 KHz output data rate
15 mW typ at 125 KHz output data rate
High DC accuracy
24 Bits No Missing Codes (NMC)
Integral Non Linearity 15 ppm
Low temperature drift
Offset Drift ±25 nV/°C
On Chip Low pass FIR filter
Linear Phase Response
Passband Ripple: ±0.005dB
Stopband Attenuation: 100dB
2.5V Supply with 1.8V/2.5V/3V/3.6V logic interface
Flexible Interfacing options
Synchronization of multiple devices
Daisy Chain capability
Temp Range -40oC to 105oC
APPLICATIONS
Low-Power PCI/USB Data Acquisition Systems
Low-Power Wireless Acquisition Systems
Vibration Analysis
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
CONVERTER
FIR FILTER
DIGITAL
&
SERIAL INTERFACE
CONTROL LOGIC
VIN+
VIN-
VDRIVE
AVDD
DVDD
REFGND
SYNC/PD
MCLK
SCLK
SDI
SDO
CS
DGND
VREF+
AGND
DRDY
AD7766-2
AD7766/
AD7766-1/
Figure 1.
PRODUCT OVERVIEW
The AD7766 is high performance 24-bit over-sampled analog to
digital converter combining wide dynamic range and input
bandwidth with an on chip FIR filter while consuming only
20mW max power in a 16 pin TSSOP package.
Specifically designed for ultra low power data acquisition,
providing 24-bit resolution and high SNR makes the device
ideal for measuring small signal changes over a wide dynamic
range. This is particularly important in many data acquisition
applications where small changes are measured on larger AC or
DC signals. In addition the AD7766 provides excellent DC
accuracy and drift specifications making the device suitable
where DC data also needs to be acquired. The AD7766
improves SNR performance and simplifies anti aliasing
requirements through over-sampling which is important in
minimizing input signal distortion to the inputs of the ADC. A
high performance on-chip FIR filter subsequently filters the
over-sampled data and removes out of band noise. A SYNC/PD
(Synchronisation/Power down) pin is an added feature,
allowing for easy synchronization of multiple devices. The
device operates from -40oC to 105oC.
By combining wide dynamic range and high SNR at output data
rates up to 125ksps with ultra low power the AD7766 provides a
compact solution for low power data acquisition such as PCI or
USB based systems.
RELATED DEVICES
Table 1. 24 bit Analog to Digital Converters
Part No
Speed
Description
AD7760
2.5MSPs
100dB Dynamic Range1
On-board Diff Amp & Ref Buffer
Parallel, Variable Decimation
AD7762/3
625KSPs
109dB Dynamic Range1
On-Board Diff Amp & Ref buffer
Parallel/Serial, Variable Decimation
AD7764
312KSps
109dB Dynamic Range1
On-board Diff Amp & Ref Buffer
Serial, Variable Decimation (pin)
AD7765
156KSPs
112dB Dynamic Range1
On-board Diff Amp & Ref Buffer
Serial,Variable Decimation (pin)
AD7767
125KSPs
109dB Dynamic Range1
10mW power dissipation
Serial interface
1 Dynamic Range at max output data rate.


Similar Part No. - AD7766

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7766 AD-AD7766 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7766 AD-AD7766 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD7766 AD-AD7766 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7766-1 AD-AD7766-1 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7766-1 AD-AD7766-1 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
More results

Similar Description - AD7766

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
16-Channel, 24-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com