Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7766 Datasheet HTML 8Page - Analog Devices AD7766 Datasheet HTML 9Page - Analog Devices AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices AD7766 Datasheet HTML 14Page - Analog Devices AD7766 Datasheet HTML 15Page - Analog Devices AD7766 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AD7766
Preliminary Technical Data
Rev. PrD | Page 12 of 18
THEORY OF OPERATION
The AD7766 is high performance 24-bit over-sampled analog to
digital converter combining wide dynamic range and input
bandwidth with an on chip FIR filter while consuming only
20mW max power in a 16 pin TSSOP package. The AD7766 is
available with 3 preset decimation rates, 8, 16 and 32. Table 6
shows the three available models of the AD7766. The three
models differ in the preset decimation rate employed. The
output data rates of the AD7766, AD7766-1 and the AD7766-2
are relative to each of their preset decimation rates.
Table 6. AD7766 Models.
Decimation Rate
Output Data Rate (ODR)
AD7766
8
125 KHz
AD7766-1
16
62.5 KHz
AD7766-2
32
31.25 KHz
In decimate × 8 mode the output will be updated every 8 MCLK
periods, offering a maximum output data rate of 125KHz for
the AD7766 device. The AD7766-1 model is set in decimate ×
16 mode, and the AD7766-2 is preset to decimate × 32. The
decimation ratio of each model indicates the level of filtering
employed in the on-board digital FIR filter. The higher filter
decimation rates provide the user with increased dynamic
specifications; however, there is a trade-off on throughput as the
filter delay increases as higher decimation rates are introduced.
AD7766 TRANSFER FUNCTION
The AD7766 outputs its conversion results in a 2’s complement,
24-bit serial format. The fully differential inputs VIN+ and
VIN- are scaled by the AD7766 relative to the reference voltage
input (VREF+) as shown in Figure 12.
V
IN
+ = V
REF
- 1LSB
V
IN
- = 0V
V
IN
-
= V
REF
-1LSB
V
IN
+ = 0V
V
IN
+ = V
REF
2
V
IN
- = V
REF
2
011…111
011…110
000…010
000…001
000…000
111…111
111…110
100…000
100…001
24-Bits
24-Bit
AD7766
Output
2’s Complement
Figure 12.AD7766 TransferFunction
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com