Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7766 Datasheet HTML 5Page - Analog Devices AD7766 Datasheet HTML 6Page - Analog Devices AD7766 Datasheet HTML 7Page - Analog Devices AD7766 Datasheet HTML 8Page - Analog Devices AD7766 Datasheet HTML 9Page - Analog Devices AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Preliminary Technical Data
AD7766
Rev. PrD | Page 9 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AVDD 1
VREF+ 2
3
VIN+ 4
VIN- 5
AGND
6
SYNC/PD
7
DVDD 8
CS
SDI
MCLK
SCLK
DRDY
16
15
14
13
12
DGND
SDO
VDRIVE
11
10
9
REFGND
AD7766/
TOP VIEW
(Not to Scale)
AD7766-1/
AD7766-2
Figure 6.16-Lead TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin
Number
Pin Mnemonic
Description
1
AVDD
+2.5V Analog power supply.
2
VREF+
Reference Input for the AD7766. An external reference must be applied to this input pin. The
VREF+ input can range from 2.4V to 5V. The reference voltage input is independent of the
voltage magnitude applied to the AVDD pin.
3
REFGND
Reference Ground. Ground Connection for the reference voltage. The input reference voltage
(VREF+) should be decoupled to this pin.
4
VIN+
Positive input of the Differential Analog input.
5
VIN-
Negative input of the Differential Analog input.
6
AGND
Power supply ground for Analog circuitry.
7
SYNC/PD
Synchronisation and Power Down Input pin. This pin has dual functionality. It can be used to
synchronise multiple AD7766 devices and/or put the AD7766 device into power down mode.
See the Power Down, Reset & Synchronization section for further details.
8
DVDD
Digital Power Supply input. This pin can be connected directly to VDRIVE.
9
VDRIVE
Logic power supply input, +1.8V to +3.6V. The voltage supplied at this pin will determine the
operating voltage of the digital logic interface.
10
SDO
Serial Data Output (SDO). The conversion result from the AD7766 is output on the SDO pin as a
24 bit, two’s complement, MSB first, serial data stream.
11
DGND
Digital logic power supply ground
12
DRDY
Data Ready Output. A falling edge on the DRDY signal indicates that a new conversion data
result is available in the output register of the AD7766. See the AD7766 Interface section for
further details.
13
SCLK
Serial Clock Input. The SCLK input provides the serial clock for all serial data transfers with the
AD7766 device. See the AD7766 Interface Section for further details.
14
MCLK
Master Clock Input. The AD7766 sampling frequency is directly proportional to the MCLK
frequency.
15
SDI
Serial Data Input. This is the Daisy-Chain input of the AD7766. See the
Daisy Chaining section for further details.
16
CS
Chip Select Input. The CS input selects the AD7766 device, and acts as an enable on the SDO
pin. In cases where CS is used, the MSB of the conversion result is clocked onto the SDO line on
the CS falling edge. The CS input allows multiple AD7766 devices to share the same SDO line.
This allows the user to select the appropriate device by supplying it with a logic low CS signal,
which enables the SDO pin of the device concerned. See the AD7766 Interface section for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com