Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices AD7766 Datasheet HTML 14Page - Analog Devices AD7766 Datasheet HTML 15Page - Analog Devices AD7766 Datasheet HTML 16Page - Analog Devices AD7766 Datasheet HTML 17Page - Analog Devices AD7766 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AD7766
Preliminary Technical Data
Rev. PrD | Page 16 of 18
DRIVING THE AD7766
The AD7766 must be driven with fully differential inputs. The
common mode voltage of the differential inputs to the AD7766
device and thus the limits on the differential inputs are set by
the reference voltage VREF applied to the device. The common
mode voltage of the AD7766 is VREF/2. Where the AD7766 VREF
pin is supplied with a 5V supply (the ADR435 is
reccommended) the common mode is at 2.5V. This means that
the max inputs that can be applied on the AD7766 differential
inputs are a 5V pk-pk input around 2.5V.
VREF
0V
VIN+
VIN–
VREF
0V
VREF
2
VREF
2
Figure 16 Maximum differential inputs to the AD7766
An analog voltage of 2.5V supplies the AD7766 AVDD pin.
However, the AD7766 allows the user to apply a reference
voltage of up to 5V. This provides the user with an increased
full-scale range, offering the user the option of using the
AD7766 with a larger LSB voltage size Figure 16 shows the
maximum and minimum inputs to the AD7766.
DIFFERENTIAL SIGNAL SOURCE
An example of some recommended driving circuitry that can be
employed in conjunction with the AD7766 is shown in Figure
17. Figure 17 shows how the ADA4841 device can be used to
drive an input to the AD7766 from a differential source. Each of
the differential is driven by an ADA4841 device.
AIN+
ADA4841
499R
VIN-
VIN+
AD7766
10nF
4
5
3R3
499R
3.3nF
AIN-
ADA4841
499R
2x VCM
1K
1K
3R3
499R
3.3nF
V
REF+
2
ADR425
1
2.5V
AV
DD
Figure 17. Driving the AD7766 from a fully differential source
SINGLE-ENDED SIGNAL SOURCE
In the case where the AD7766 is being supplied from a single-
ended source the following application circuit can be used to
drive the AD7766 device. Figure 18 shows how the ADA4941
single to differential amplifier can be used to create a fully
differential input to the AD7766. The single-ended signal input
is applied to the positive input of the ADA4941 device
ADA4941
IN
DIS
V-
OUT-
FB
REF
V+
OUT+
Vss -
Vss +
R1
R1
C1
R4
R5
R2
2 xV
CM
R2
VIN-
VIN+
AD7766
4
5
V
REF+
2
ADR425
1
2.5V
AV
DD
R3
R3
C2
R
FB
C
FB
Ain +
V
offset
C3
Figure 18. Driving the AD7766 from a single- ended source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com