Electronic Components Datasheet Search
  English  ▼

X  

AD7766 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7766
Description  24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7766 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7766 Datasheet HTML 9Page - Analog Devices AD7766 Datasheet HTML 10Page - Analog Devices AD7766 Datasheet HTML 11Page - Analog Devices AD7766 Datasheet HTML 12Page - Analog Devices AD7766 Datasheet HTML 13Page - Analog Devices AD7766 Datasheet HTML 14Page - Analog Devices AD7766 Datasheet HTML 15Page - Analog Devices AD7766 Datasheet HTML 16Page - Analog Devices AD7766 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Preliminary Technical Data
AD7766
AD7766 INTERFACE
The AD7766 provides the user with a flexible serial interface
enabling the user to implement the most desireable interfacing
scheme for their application. The AD7766 interface is
comprised of seven different signals. Five of these signals are
inputs : MCLK CS, SYNC/PD, SCLK, and SDI. There are two
output signals, DRDY and SDO.
INITIAL POWER-UP
On initial power up, apply a continuous MCLK signal. Iit is
recommended that the user reset the AD7766 to clear the filters
and ensure correct operation. The reset is completed as
described in Figure 5, with all events occurring relative to the
rising edge of MCLK. A negative pulse on the SYNC/PD input
initiates the reset and the DRDY output will switch to logic high
and will remain high until valid data is available.. Following the
power up of the AD7766 by transitioning the SYNC/PD pin to
logic high, a settling time is required before valid data is output
by the device. This settling time, tSETTLING, is a function of the
MCLK frequency and the decimation rate. Table 7 lists the
settling time of each of the AD7766 models, and should be
referenced to Figure 5..
Table 7. Filter settling time after SYNC/PD
Decimation Rate
tSETTLING 1
AD7766
8
594 × tMCLK + t21
AD7766-1
16
1,186 × tMCLK + t21
AD7766-2
32
2,370 × tMCLK + t21
1 tSETTLING is measured from the first MCLK rising edge after the rising edge of
SYNC/PDto the falling edge of DRDY.
READING DATA
The AD7766 outputs its data conversion results in an MSB first,
2’s complement 24-bit format on the Serial Data Output Pin
(SDO). MCLK is the master clock, which controls all the
AD7766 conversions. The SCLK is the serial clock input for the
device. All data transfers take place with respect to the SCLK
signal
The DRDY line is used as a status signal to indicate when the
data is available to be read from the AD7766. The falling edge of
DRDY indicates that a new data word is available in the output
register of the device. DRDY stays low during the period that
output data is permitted to be read from the SDO pin. The
DRDY signal returns to logic high to indicate when not to read
from the device. Ensure that a data read is not attempted during
this period as the output register is being updated
The AD7766 offers the user the option of using a chip select
input signal (CS) in its data read cycle. The CS signal is a gate
for the SDO pin and allows many AD7766 devices to share the
same serial bus acting as an instruction signal to each of these
devices indicating permission to use the bus. When CS logic
high, the SDO line of the AD7766 is is tri-stated.
There are two distinct patterns that can be initiated to read data
from the AD7766 device, these are for the cases when CS falling
edge occurs after the DRDY falling edge and for the case when
the CS falling edge occurs before the DRDY falling edge (when
CS is set to logic low.
When the CS falling edge occurs after DRDY falling edge the
MSB of the conversion result is becomes available on the SDO
line on this CS falling edge. The remaining bits of the
conversion result (MSB-1, MSB-2 ..etc) are clocked onto the
SDO line by the falling edges of SCLK which follow the CS
falling edge. Figure 3 details this interfacing scheme.
When CS is tied low the AD7766 serial interface can operate in
3-wire mode as shown in Figure 4. In this case the MSB of the
conversion result is available on the SDO line on the falling
edge of DRDY. The remaining bits of the data conversion result
(MSB-1, MSB-2 etc..) are clocked onto the SDO line by the
subsequent SCLK falling edges.
POWER DOWN, RESET & SYNCHRONIZATION
The AD7766’s SYNC/PD pin allows the user to synchronise
multiple AD7766 devices. This pin also allows the user to reset
and power down the AD7766 device. These features are
implemented relative to the rising edges of MCLK and are
shown in Figure 5
To power down, reset or synchronise a device the AD7766
SYNC/PD pin should be taken low. On the first rising edge of
MCLK the AD7766 is powered down. The DRDY pin
transitions to logic high indicating that the data in the output
register is no longer valid. The status of the SYNC/PD pin is
checked on each subsequent rising edge of MCLK. On the first
rising edge of MCLK after the SYNC/PD pin is taken high the
AD7766 is taken out of power down. On the next rising edge,
the filter of the AD7766 is reset. On the following rising edge,
the first new sample is taken.
A settling time, tSETTLING, from the filter reset, must pass before
valid data is output by the device (as listed in Table 7). The
DRDY output goes logic low after tSETTLING to indicate when
valid data is available on SDO for readback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com