Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 38 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD8364 Datasheet HTML 34Page - Analog Devices AD8364 Datasheet HTML 35Page - Analog Devices AD8364 Datasheet HTML 36Page - Analog Devices AD8364 Datasheet HTML 37Page - Analog Devices AD8364 Datasheet HTML 38Page - Analog Devices AD8364 Datasheet HTML 39Page - Analog Devices AD8364 Datasheet HTML 40Page - Analog Devices AD8364 Datasheet HTML 41Page - Analog Devices AD8364 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD8364
Rev. 0 | Page 38 of 48
BASIS FOR ERROR CALCULATIONS
DESCRIPTION OF CHARACTERIZATION
The slope and intercept are derived using the coefficients of a
linear regression performed on data collected in its central
operating range. Error is stated in two forms: (1) error from
linear response to CW waveform and (2) output delta from
25°C performance.
The general hardware configuration used for most of the
AD8362 characterization is shown in Figure 81. The signal
sources used in this example are the Rohde & Schwarz SMIQ03B
and Agilent E4438C. Input-matching baluns are used to transform
the single-ended RF signal to its differential form. Due to the
differential inputs’ sensitivity to amplitude and phase mismatch,
specific baluns were used for each characterization frequency to
achieve the best performance.
The error from linear response to CW waveform is the decibel
difference in output from the ideal output defined by the
conversions gain and output reference. This is a measure of the
linearity of the device response to both CW and modulated
waveforms. The error in dB is calculated by
Other selected configurations are shown in Figure 82 and
Figure 83 as well.
Error (dB) =
(
)
Slope
P
P
Slope
V
Z
IN
OUT
−
×
−
COMPUTER
CONTROLLER
AGILENT
34970A
METER/
SWITCHING
AD8364
CHARACTERIZATION
BOARD
OUTA
OUTB
OUTP
OUTN
VREF
TEMP
INA
INB
–3dB
SIGNAL
SOURCE
–3dB
SIGNAL
SOURCE
where PZ is the x-axis intercept expressed in dBm. This is
analogous to the input amplitude that would produce an output
of 0 V, if such an output was possible.
Error from the linear response to the CW waveform is not a
measure of absolute accuracy, since it is calculated using the
slope and intercept of each device. However, it verifies the
linearity and the effect of modulation on the device’s response.
Similarly, error from 25°C performance uses the 25°C
performance of a given device and waveform type as the
reference from which all other performance parameters shown
alongside it are compared. It is predominantly (and most often)
used as a measurement of output variation with temperature.
Figure 81. General Characterization Configuration
–8dB
–6dB
INLA/B
50
Ω
AGILENT 8648
RF SOURCE
–6dB SPLITTER
–8dB
–9dB
AD8340 OR
AD8341 VECTOR
MODULATOR
–8dB
–6dB
INHA/B
MINI-CIRCUITS
ZHL–42W
Figure 82. Configuration for Amplitude and Phase Mismatch
Characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com