Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8364 Datasheet HTML 11Page - Analog Devices AD8364 Datasheet HTML 12Page - Analog Devices AD8364 Datasheet HTML 13Page - Analog Devices AD8364 Datasheet HTML 14Page - Analog Devices AD8364 Datasheet HTML 15Page - Analog Devices AD8364 Datasheet HTML 16Page - Analog Devices AD8364 Datasheet HTML 17Page - Analog Devices AD8364 Datasheet HTML 18Page - Analog Devices AD8364 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
AD8364
Rev. 0 | Page 15 of 48
0
180
30
330
60
90
270
300
120
240
150
210
Figure 37. Differential Input Impedance (S11) vs. Frequency; ZO = 50 Ω
VREF (V)
2.506
2.486
2.490
2.494
2.502
2.488
2.492
2.498
2.496
2.504
2.500
14
10
6
4
12
8
2
0
TOTAL = 40 DEVICES
RF INPUT = –60dBm
Figure 38. Distribution of VREF for 40 Devices
VREF (V)
0.617
0.619
0.625
0.623
0.621
0.627
14
10
6
4
12
8
2
0
TOTAL = 40 DEVICES
RF INPUT = –60dBm
Figure 39. Distribution of TEMP Voltage for 40 Devices
TEMPERATURE (°C)
90
–40
–20 –10
0
10
–30
20
3040
607080
50
20
15
5
10
–5
0
–15
–10
–20
Figure 40. Change in VREF vs. Temperature for 11 Devices
10
100
1000
10000
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
450MHz
450MHz, 0dB
450MHz, –20dB
450MHz, RF OFF
450MHz, –40dB
2140MHz, 0dB
2140MHz, –20dB
2140MHz, –40dB
Figure 41. Noise Spectral Density of OUT[A, B]; CLP[A, B] = Open
10
100
1000
10000
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–20dB
–40dB
0dB
RF OFF
Figure 42. Noise Spectral Density of OUT[P, N]; CLP[A, B] = 0.1 µF,
Frequency = 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com