Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8364 Datasheet HTML 2Page - Analog Devices AD8364 Datasheet HTML 3Page - Analog Devices AD8364 Datasheet HTML 4Page - Analog Devices AD8364 Datasheet HTML 5Page - Analog Devices AD8364 Datasheet HTML 6Page - Analog Devices AD8364 Datasheet HTML 7Page - Analog Devices AD8364 Datasheet HTML 8Page - Analog Devices AD8364 Datasheet HTML 9Page - Analog Devices AD8364 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD8364
Rev. 0 | Page 6 of 48
Parameter
Conditions
Min
Typ
Max
Unit
SETPOINT INPUT
Pin VSTA and VSTB
Voltage Range
Law conformance error ≤1 dB
0.5
3.75
V
Input Resistance
68
kΩ
Logarithmic Scale Factor
f = 450 MHz, −40°C ≤ TA ≤ +85°C
50
mV/dB
Logarithmic Intercept
f = 450 MHz, −40°C ≤ TA ≤ +85°C, referred to 50 Ω
−55
dBm
CHANNEL DIFFERENCE OUTPUT
Pin OUTP and OUTN
Voltage Range Min
RL ≥ 200 Ω to ground
0.1
V
Voltage Range Max
RL ≥ 200 Ω to ground
VS − 0.15
V
Source/Sink Current
OUTP and OUTN held at VS/2, to 1% change
70
mA
DIFFERENCE LEVEL ADJUST
Pin VLVL
Voltage Range3
OUT[P, N] = FBK[A, B]
0
5
V
OUT[P,N] Voltage Range
OUT[P, N] = FBK[A, B]
0
VS −
0.15
V
Input Resistance
1
kΩ
TEMPERATURE COMPENSATION
Pin ADJA and ADJB
Input Voltage Range
0
2.5
V
Input Resistance
>1
MΩ
VOLTAGE REFERENCE
Pin VREF
Output Voltage
RF in = −55 dBm
2.5
V
Temperature Sensitivity
−40°C ≤ TA ≤ +85°C
0.4
mV/°C
Current Limit Source/Sink
1% change
10/3
mA
TEMPERATURE REFERENCE
Pin TEMP
Output Voltage
TA = 25°C, RL ≥ 10 kΩ
0.62
V
Temperature Coefficient
−40°C ≤ TA ≤ +85°C, RL ≥ 10 kΩ
2
mV/°C
Current Source/Sink
TA = 25°C to 1% change
1.6/2
mA
POWER-DOWN INTERFACE
Pin PWDN
Logic Level to Enable
Logic LO enables
1
V
Logic Level to Disable
Logic HI disables
3
V
Input Current
Logic HI PWDN = 5 V
95
µA
Logic LO PWDN = 0 V
<100
µA
Enable Time
PWDN LO to OUTA/OUTB at 100% final value,
CLPA/B = Open, CHPA/B = 10 nF, RF in = 0 dBm
2
µs
Disable Time
PWDN HI to OUTA/OUTB at 10% final value,
CLPA/B = Open, CHPA/B = 10nF, RF in = 0 dBm
1.6
µs
POWER INTERFACE
Pin VPS[A, B], VPSR
Supply Voltage
4.5
5.5
V
Quiescent Current
RF in = −55 dBm, VS = 5 V
70
mA
−40°C ≤ TA ≤ +85°C
90
mA
Supply Current
PWDN enabled, VS = 5 V
500
µA
−40°C ≤ TA ≤ +85°C
900
µA
1 Best fit line, linear regression.
2 See
for a plot of isolation vs. frequency for a ±1 dB error.
Figure 75
3 VLVL + OUTA/2 should not exceed VPSA − 1.31 V. Likewise, VLVL + OUTB/2 should not exceed VPSB − 1.31 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com