Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8364 Datasheet HTML 8Page - Analog Devices AD8364 Datasheet HTML 9Page - Analog Devices AD8364 Datasheet HTML 10Page - Analog Devices AD8364 Datasheet HTML 11Page - Analog Devices AD8364 Datasheet HTML 12Page - Analog Devices AD8364 Datasheet HTML 13Page - Analog Devices AD8364 Datasheet HTML 14Page - Analog Devices AD8364 Datasheet HTML 15Page - Analog Devices AD8364 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD8364
Rev. 0 | Page 12 of 48
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
B
A
Figure 21. OUT[A, B] Voltage and Log Conformance vs. Input Amplitude at
2.14 GHz, Typical Device, ADJ[A, B] = 0.85 V, Sine Wave, Differential Drive,
Balun = Murata LDB212G1020C-001
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
A
B
Figure 22. Distribution of OUT[A, B] Voltage and Error over Temperature After
Ambient Normalization vs. Input Amplitude for at Least 3 Devices from
Multiple Lots, Frequency = 2.14 GHz, ADJ[A, B] = 0.85 V, Sine Wave,
Differential Drive, Balun = Murata LDB212G1020C-001
0.20
–0.20
–60
20
0.15
0.10
0
–50
–40
–30
–20
–10
0
10
INPUT AMPLITUDE (dBm)
–0.15
–0.10
–0.05
0.05
Figure 23. Distribution of [OUTA – OUTB] Voltage vs. Input Amplitude over
Temperature for 3 Devices from Multiple Lots, Frequency = 2.14 GHz,
ADJ[A, B] = 0.85 V, Sine Wave, Differential Drive, Balun = Murata
LDB212G1020C-001
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
OUTN
OUTP
Figure 24. OUT[P, N] Voltage and Log Conformance vs. Input Amplitude at
2.14 GHz, with B Input Held at −25 dBm and A Input Swept, Typical Device,
ADJ[A, B] = 0.85 V, Sine Wave, Differential Drive, Balun = Murata
LDB212G1020C-001 (Note that the OUTP and OUTN Error Curves Overlap)
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
–5
–1
–2
–3
–4
Figure 25. Distribution of [OUTP − OUTN] Voltage and Error over
Temperature After Ambient Normalization vs. Input Amplitude for at Least
3 Devices from Multiple Lots, Frequency = 2.14 GHz, ADJ[A, B] = 0.85 V,
Sine Wave, Differential Drive, PIN Ch. B = −25 dBm, Channel A Swept
RF INPUT AT INLA (dBm)
10
–40
–35
–30
–25
–20
–15
–10
–5
0
5
4
0
–2
2
–4
–6
–8
–10
–12
–14
–16
–18
–20
–22
–24
REF
+1dB
+2dB
–1dB
–2dB
+10DEG
+20DEG
–10DEG
–20DEG
+30DEG
–30DEG
SERIES NAME INDICATES THE POLARITY
AND MAGNITUDE OF THE DEVIATION
APPLIED TO THE INHA INPUT, RELATIVE
TO THE INLA INPUT, AS REFERENCED TO
THE REF SIGNAL.
Figure 26. Log Conformance vs. Input Amplitude at Various Amplitude and
Phase Balance Points, 2.140 GHz, Typical Device, ADJ[A, B] = 0.85 V, Sine
Wave, Differential Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com