Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 44 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD8364 Datasheet HTML 40Page - Analog Devices AD8364 Datasheet HTML 41Page - Analog Devices AD8364 Datasheet HTML 42Page - Analog Devices AD8364 Datasheet HTML 43Page - Analog Devices AD8364 Datasheet HTML 44Page - Analog Devices AD8364 Datasheet HTML 45Page - Analog Devices AD8364 Datasheet HTML 46Page - Analog Devices AD8364 Datasheet HTML 47Page - Analog Devices AD8364 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD8364
Rev. 0 | Page 44 of 48
EVALUATION BOARDS
26
27
28
29
30
32
31
15
14
13
12
11
9
10
7
6
8
5
4
3
1
2
25
16
18
19
17
20
21
22
24
23
C5
0.1
µF
R3
OPEN
INPA
J3
PWDN
J2
1:4
C7
0.1
µF
C6
0.1
µF
C2
0.1
µF
R1
OPEN
INPB
J1
1:4
C4
0.1
µF
C3
0.1
µF
T2
ETK4-2T
T1
ETK4-2T
VPOS
VPOS
TP1
COMM
TP2
A
B
SW1
R2
10k
Ω
C20
100pF
C21
0.1
µF
C22
0.1
µF
C1
0.1
µF
C24
100pF
R21
0
Ω
R20
OPEN
R18
OPEN
R16
OPEN
C19
0.1
µF
C18
OPEN
R19
0
Ω
R17
0
Ω
R15
0
Ω
C16
0.1
µF
C17
0.1
µF
VREF
ADJB
J13
ADJA
J12
REF LEVEL
VOLTAGE
J11
AB
BA
SW6
SW5
A
A
B
B
SW4
R13
OPEN
R14
OPEN
R12
0
Ω
R11
0
Ω
R10
0
Ω
SW3
A
B
R9
0
Ω
SW2
SETPOINT
VOLTAGE A
J5
SETPOINT
VOLTAGE B
J10
OUTPUT
VOLTAGE A
J6
OUTPUT
VOLTAGE B
J9
DIFF OUT +
J7
DIFF OUT +
J8
AD8364ACPZ
EXPOSED PADDLE
C9
0.1
µF
C9
0.1
µF
C15
0.1
µF
C23
100pF
C8
0.1
µF
C10
100pF
C11
0.1
µF
C14
0.1
µF
R6
0
Ω
R5
0
Ω
R4
0
Ω
R23
0
Ω
R24
0
Ω
TEMP
SENSOR
J4
C12
100pF
C13
0.1
µF
VPOS
VPSA
CHPA
CLPA
ACOM
TEMP
ACOM
VPSR
COMA
DECA
CHPB
CLPB
VLVL
VREF
ADJA
ADJB
COMB
DECB
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
Figure 87. AD8364-EVA-500 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com