Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8364 Datasheet HTML 5Page - Analog Devices AD8364 Datasheet HTML 6Page - Analog Devices AD8364 Datasheet HTML 7Page - Analog Devices AD8364 Datasheet HTML 8Page - Analog Devices AD8364 Datasheet HTML 9Page - Analog Devices AD8364 Datasheet HTML 10Page - Analog Devices AD8364 Datasheet HTML 11Page - Analog Devices AD8364 Datasheet HTML 12Page - Analog Devices AD8364 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD8364
Rev. 0 | Page 9 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
VP = 5 V; TA = +25°C, –40°C, +85°C; CLPA/B = OPEN. Colors: +25°C black, –40°C blue, +85°C red.
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
A
B
Figure 3. OUT[A, B] Voltage and Log Conformance vs. Input Amplitude at
450 MHz, Typical Device, ADJ[A, B] = 0 V, Sine Wave, Differential Drive,
Balun = Macom ETK4-2T
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
Figure 4. Distribution of OUT[A, B] Voltage and Error over Temperature After
Ambient Normalization vs. Input Amplitude for at Least 30 Devices from
Multiple Lots, Frequency = 450 MHz, ADJ[A, B] = 0 V, Sine Wave, Differential
Drive, Balun = Macom ETK4-2T
0.20
–0.20
–60
20
0.15
0.10
0
–50
–40
–30
–20
–10
0
10
INPUT AMPLITUDE (dBm)
–0.15
–0.10
–0.05
0.05
Figure 5. Distribution of [OUTA – OUTB] Voltage vs. Input Amplitude over
Temperature for at Least 30 Devices from Multiple Lots, Frequency = 450 MHz,
ADJ[A, B] = 0 V, Sine Wave, Differential Drive, Balun = Macom ETK4-2T
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
OUTP
OUTN
Figure 6. OUT[P, N] Voltage and Log Conformance vs. Input Amplitude at
450 MHz, with B Input Held at −25 dBm and A Input Swept, Typical Device,
ADJ[A, B] = 0 V, Sine Wave, Differential Drive, Balun = Macom ETK4-2T
(Note that the OUTP and OUTN Error Curves Overlap)
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
–5
–1
–2
–3
–4
Figure 7. Distribution of [OUTP − OUTN] Voltage and Error over Temperature
After Ambient Normalization vs. Input Amplitude for at Least 30 Devices
from Multiple Lots, Frequency = 450 MHz, ADJ[A, B] = 0 V, Sine Wave,
Differential Drive, PIN Ch. B = −25 dBm, Channel A Swept
RF INPUT AT INLA (dBm)
10
–40
–35
–30
–25
–20
–15
–10
–5
0
5
4
2
0
–2
–4
–6
–8
–10
SERIES NAME INDICATES THE
POLARITY AND MAGNITUDE OF THE
DEVIATION APPLIED TO THE INHA
INPUT, RELATIVE TO THE INLA INPUT,
AS REFERENCED TO THE REF SIGNAL.
+1DB
+2DB
–1DB
–2DB
+10DEG
+15DEG
–10DEG
–15DEG
REF
Figure 8. Log Conformance vs. Input Amplitude at various Amplitude and
Phase Balance points, 450 MHz, Typical Device, ADJ[A, B] = 0 V, Sine Wave,
Differential Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com