Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8364 Datasheet HTML 14Page - Analog Devices AD8364 Datasheet HTML 15Page - Analog Devices AD8364 Datasheet HTML 16Page - Analog Devices AD8364 Datasheet HTML 17Page - Analog Devices AD8364 Datasheet HTML 18Page - Analog Devices AD8364 Datasheet HTML 19Page - Analog Devices AD8364 Datasheet HTML 20Page - Analog Devices AD8364 Datasheet HTML 21Page - Analog Devices AD8364 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD8364
Rev. 0 | Page 18 of 48
GENERAL DESCRIPTION AND THEORY
The AD8364 is a dual-channel, 2.7 GHz, true rms responding
detector with 60 dB measurement range. It incorporates two
AD8362 channels with shared reference circuitry (See the
AD8362 datasheet for more information). Multiple enhancements
have been made to the AD8362 cores to improve measurement
accuracy. Log-conformance peak-to-peak ripple has been reduced
to <±0.2 dB over the entire dynamic range. Temperature stability
of the rms output measurements provides <±0.5 dB error over
the specified temperature range of −40°C to 85°C through
proprietary techniques. The use of well-matched channels offers
extremely temperature-stable difference outputs, OUTP and
OUTN. Given well-matched channels through IC integration,
the rms measurement outputs, OUTA and OUTB, drift in the
same manner. With OUTP shorted to FBKA, the function at
OUTP is
OUTP = OUTA – OUTB + VLVL
(1)
When OUTN is shorted to FBKB, the function at OUTN is
OUTN = OUTB – OUTA + VLVL
(2)
OUTP and OUTN are insensitive to the common drift due to
the difference cancellation of OUTA and OUTB.
The AD8364 is a fully calibrated rms-to-dc converter capable of
operating on signals of a few hertz to 2.7 GHz or more. Unlike
logarithmic amplifiers, the AD8364 response is waveform
independent. The device accurately measures waveforms that
have a high peak-to-rms ratio (crest factor). Figure 50 shows a
block diagram.
A single channel of the AD8364 consists of a high performance
AGC loop. As shown in Figure 51, the AGC loop comprises
a wide bandwidth variable gain amplifier (VGA), square law
detectors, an amplitude target circuit, and an output driver. For
a more detailed description of the functional blocks, see the
AD8362 data sheet.
CHANNEL A
TruPwr™
CHANNEL B
TruPwr™
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
VPSA
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
16
15
14
13
12
11
10
9
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
ISIG2
ITGT2
VGA
CONTROL
VGA
CONTROL
ISIG2
ITGT2
Figure 50. Block Diagram
VIN
VREF × 0.03
VSIG
CF
VST[A, B]
CLP [A, B]
VREF
2.5V
OFFSET
NULLING
INH[A, B]
INL[A, B]
VGA
SETPOINT
INTERFACE
OUTPUT
BUFFER
CHP[A, B]
VST[A, B]
VREF
GSET
BAND GAP
REFERENCE
TEMPERATURE
COMPENSATION
x2
x2
CLPF
EXTERNAL
ADJ[A, B]
OUT[A, B]
ACOM
Figure 51. Single-Channel Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com