Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8364 Datasheet HTML 15Page - Analog Devices AD8364 Datasheet HTML 16Page - Analog Devices AD8364 Datasheet HTML 17Page - Analog Devices AD8364 Datasheet HTML 18Page - Analog Devices AD8364 Datasheet HTML 19Page - Analog Devices AD8364 Datasheet HTML 20Page - Analog Devices AD8364 Datasheet HTML 21Page - Analog Devices AD8364 Datasheet HTML 22Page - Analog Devices AD8364 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD8364
Rev. 0 | Page 19 of 48
SQUARE LAW DETECTOR AND AMPLITUDE TARGET
The output of the VGA, called VSIG, is applied to a wideband
square law detector. The detector provides the true rms
response of the RF input signal, independent of waveform, up
to a crest factor of 6. The detector output, called ISQU, is a
fluctuating current with positive mean value. The difference
between ISQU and an internally generated current, ITGT[A, B], is
integrated by CF and a capacitor attached to CLP[A, B]. CF is
the on-chip 25 pF filter capacitor. CLP[A, B] can be used to
arbitrarily increase the averaging time while trading off
response time. When the AGC loop is at equilibrium,
MEAN(ISQU) = ITGT[A, B]
(3)
This equilibrium occurs only when
MEAN(VSIG2) = VTGT[A, B]2
(4)
where VTGT is an attenuated version of the VREF voltage.
Because the square law detectors are electrically identical and
well matched, process and temperature dependant variations
are effectively cancelled.
By forcing the above identity through varying the VGA
setpoint, it is apparent that
RMS(VSIG) = √(MEAN(VSIG2)) = √(VTGT2) = VTGT
(5)
Substituting the value of VSIG, we have
RMS(G0 × RFIN exp(−VST[A, B]/VGNS)) = VTGT
(6)
When connected as a measurement device VST[A, B] =
OUT[A, B]. Solving for OUT[A, B] as a function of RFIN,
OUT[A, B] = VSLOPE × Log10(RMS(RFIN)/VZ)
(7)
where VSLOPE is laser trimmed to 1 V/decade (or 50 mV/dB) at
100 MHz. VZ is the intercept voltage, since Log 10(1) = 0 when
RMS(RFIN) = VZ. If desired, the effective value of VSLOPE may be
altered by using a resistor divider from OUT[A, B] to drive
VST[A, B]. The intercept, VZ, is also laser trimmed to 180 µV
(−62 dBm, referred to 50 Ω) with a CW signal at 100 MHz. This
value is extrapolated, because OUT[A, B] do not respond to input
of less than approximately −55 dBm with differential drive.
In most applications, the AGC loop is closed through the
setpoint interface, VST[A, B]. In measurement mode, OUT[A, B]
are tied to VST[A, B], respectively. In controller mode, a control
voltage is applied to VST[A, B]. Pins OUT[A, B] drive the control
input of a system. The RF feedback signal to the input pins is
forced to have an rms value determined by VSTA or VSTB.
RF INPUT INTERFACE
The AD8364’s RF inputs are connected as shown in Figure 52.
There are 100 Ω resistors connected between DEC[A, B] and
INH[A, B] and also between DEC[A, B] and INL[A, B]. The
DEC[A, B] pins have a dc level established as (7 × VPS[A, B] +
55 × VBE)/30. With a 5 V supply, DEC[A, B] is approximately
2.5 V.
Signal-coupling capacitors must be connected from the input
signal to the INH[A, B] and INL[A, B] pins. The high-pass
corner is
fhigh-pass = 1/(2 × π × 100 × C)
(8)
A decoupling capacitor should be connected from DEC[A, B] to
ground to attenuate any signal at the midpoint. A 100 pF and
0.1 µF cap from DEC[A, B] to ground are recommended, with a
1 nF coupling capacitor such that signals greater than 1.6 MHz
can be measured. For coupling signals less than 1.6 MHz,
100 × Ccoupling for the DEC[A, B] capacitor generally can be used.
VGA
COM[A, B]
VSP[A, B]
VIN
COM[A, B]
VSP[A, B]
COM[A, B]
VSP[A, B]
DEC[A, B]
INH[A, B]
INL[A, B]
100
Ω
100
Ω
Figure 52. AD8364 RF Inputs
OFFSET COMPENSATION
An offset-nulling loop is used to address small dc offsets in the
VGA. The high-pass corner frequency of this loop is internally
preset to about 1 MHz using an on-chip capacitor of 25 pF
(1/(2 × 5K × 25 pF)), which is sufficiently low for most HF
applications. The high-pass corner can be reduced by a
capacitor from CHP[A, B] to ground. The input offset voltage
varies depending on the actual gain at which the VGA is
operating and, thus, on the input signal amplitude. When an
excessively large value of CHP[A, B] is used, the offset
correction process may lag the more rapid changes in the VGA’s
gain, which may increase the time required for the loop to fully
settle for a given steady input amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com