Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8364 Datasheet HTML 16Page - Analog Devices AD8364 Datasheet HTML 17Page - Analog Devices AD8364 Datasheet HTML 18Page - Analog Devices AD8364 Datasheet HTML 19Page - Analog Devices AD8364 Datasheet HTML 20Page - Analog Devices AD8364 Datasheet HTML 21Page - Analog Devices AD8364 Datasheet HTML 22Page - Analog Devices AD8364 Datasheet HTML 23Page - Analog Devices AD8364 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD8364
Rev. 0 | Page 20 of 48
TEMPERATURE SENSOR INTERFACE
The AD8364 provides a temperature sensor output capable of
driving about 1.6 mA. A 330 Ω-equivalent internal resistance is
connected from TEMP to COMR to provide current sink
capability. The temperature scaling factor of the output voltage is
approximately 2 mV/°C. The typical absolute voltage at 25°C is
about 620 mV.
TEMP
VPSR
INTERNAL
VPTAT
4k
Ω
1k
Ω
COMR
350
Ω
Figure 53. TEMP Interface Simplified Schematic
VREF INTERFACE
An internal voltage reference is provided to the user at Pin VREF.
The VREF voltage is a temperature stable 2.5 V reference that
can drive about 18 mA. An 830 Ω equivalent internal resistance
is connected from VREF to ACOM for 3 mA sink capability.
VREF
VPSR
INTERNAL
VOLTAGE
9k
Ω
1.465k
Ω
COMR
900
Ω
Figure 54. VREF Interface Simplified Schematic
POWER-DOWN INTERFACE
The operating and stand-by currents for the AD8364 at 25°C are
approximately 70 mA and 500 µA, respectively. The PWDN pin
is connected to an internal resistor divider made with two 42 kΩ
resistors. The divider voltage is applied to the base of an NPN
transistor to force a power-down condition when the device is
active. Typically when PWDN is pulled greater than 2 V, the
device is powered down. Figure 46 and Figure 47 show typical
response times for various RF input levels. The output reaches
to within 0.1 dB of its steady-state value in about 1.6 µs; the
reference voltage is available to full accuracy in a much shorter
time. This wake-up response vary depending on the input
coupling means and the capacitances CDEC[A, B], CHP[A, B],
and CLP[A, B].
PWDN
42k
Ω
42k
Ω
COMR
POWER DOWN
SIGNAL
Figure 55. PWDN Interface Simplified Schematic
VST[A, B] INTERFACE
The VST[A, B] interface has a high input impedance of 72 kΩ.
The voltage at VST[A, B] is converted to an internal current
used to steer the VGA gain. The VGA attenuation control is
set to 20 dB/V.
GAIN ADJUST
1.35
µA/dB
VST[A, B]
18.5k
Ω
ACOM
36k
Ω
36k
Ω
Figure 56. VST[A, B] Interface Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com