Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 43 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD8364 Datasheet HTML 39Page - Analog Devices AD8364 Datasheet HTML 40Page - Analog Devices AD8364 Datasheet HTML 41Page - Analog Devices AD8364 Datasheet HTML 42Page - Analog Devices AD8364 Datasheet HTML 43Page - Analog Devices AD8364 Datasheet HTML 44Page - Analog Devices AD8364 Datasheet HTML 45Page - Analog Devices AD8364 Datasheet HTML 46Page - Analog Devices AD8364 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AD8364
Rev. 0 | Page 43 of 48
Table 7. AD8364-EVAL-2140 Evaluation Board Configuration Options (2140 MHz)
Component
Function/Notes
Part Number
Default Value
T1, T2
The dynamic range of the AD8364 is directly related to the
magnitude and phase balance of the balun feeding the RF
signal to the part. At 2140 MHz, we have found it necessary to
use a narrow band balun and have used the Murata
LDB212G1020C-001.
Murata LDB212G1020C-00
C11, C13, C21
Supply filtering/decoupling capacitors.
0.1 µF
C10, C12, C20
Supply filtering/decoupling capacitors.
100 pF
C19
VREF filtering/decoupling capacitor.
0.1 µF
C18
Optional VLVL filtering/decoupling capacitor.
OPEN
C15, C17
Output low-pass filter capacitors (CLPA/B).
0.1 µF
C14, C16
Output low-pass filter capacitors, which can be activated by
removing jumpers R6 and R15.
0.1 µF
C23, C24
Input bias-point decoupling capacitors (DECA/B).
Samsung CL10B101KONC
100 pF
C1, C8
Input bias-point decoupling capacitors (DECA/B).
Samsung CL10B104KONC
0.1 µF
C2, C3, C4, C5, C6, C7
Stable, low ESR capacitors are mandatory in the RF input area
of the AD8364. This corresponds to capacitors connected to
Pins INH[A, B], INL[A, B], DEC[A, B], and CHP[A, B]. Poor quality
capacitors may result in amplitude and phase mismatch at the
differential inputs, which in turn results in low dynamic range.
Capacitors with poor aging characteristics under temperature
cycling have been shown to accentuate the temperature drift
during operation of the AD8364. Using Samsung CL10 series
multilayer ceramic capacitors (or similar) in the RF area is
suggested.
Samsung CL10B104KONC
0.1 µF
C9, C22
Input high-pass filter capacitor (CHPA/B).
Samsung CL10B104KONC
0.1 µF
R17, R18, R19, R20
R17/R19 are usually jumpers and R18/R20 are usually left open.
The pads for R17/R18 or R19/R20 can be used to make voltage
dividers to set the ADJA/B voltages for temperature
compensation at different frequencies.
R17/R19 = 0 Ω
R18/R20 =
OPEN
DUT
AD8364.
AD8364ACPZ
R4, R5, R6, R9, R12, R15,
R21
Jumpers.
0 Ω
R10, R11
Capacitors can be installed for controller mode.
0 Ω
R24
Optional loading resistor for TEMP.
1 kΩ
R2, R16
Optional pull-down resistors.
OPEN
R14, R27
To be added for use in slope adjustment (not installed).
OPEN
SW1
Power-down/enable or external power-down selector, open is
enable (Position A, unloaded).
SW2, SW3
Measurement mode (Position A)/controller mode (Position B)
selector.
SW4
VLVL VREF (Position A)/external control (Position B) selector.
SW5
ADJA VREF (Position A)/external control (Position B)l selector.
SW6
ADJB VREF (Position B)/external control (Position A) selector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com