Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 8 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 8 Page - ams AG

Back Button AS6221T Datasheet HTML 4Page - ams AG AS6221T Datasheet HTML 5Page - ams AG AS6221T Datasheet HTML 6Page - ams AG AS6221T Datasheet HTML 7Page - ams AG AS6221T Datasheet HTML 8Page - ams AG AS6221T Datasheet HTML 9Page - ams AG AS6221T Datasheet HTML 10Page - ams AG AS6221T Datasheet HTML 11Page - ams AG AS6221T Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Document Feedback
AS6221T
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 8
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5
Absolute Maximum Ratings of AS6221T
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD / VSS
Supply Voltage to VSS
-0.3
4
V
Reference to VSS
VDIO
IO Pin Voltage
-0.3
4
V
Reference to VSS
I_SCR
Input Current (latch up
immunity)
-100
100
mA
According to JESD78E
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2000
V
JS-001-2017
ESDCDM
Electrostatic Discharge CDM
±500
V
JS-002-2018
Temperature Ranges and Storage Conditions
TA
Operating Ambient Temperature
-40
125
°C
TJ
Operating Junction Temperature
-40
125
°C
TSTRG
Storage Temperature Range
-55
125
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative Humidity (non-
condensing)
5
85
%
MSL
Moisture Sensitivity Level
1
Unlimited floor life time
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com