Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 29 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 29 Page - ams AG

Back Button AS6221T Datasheet HTML 25Page - ams AG AS6221T Datasheet HTML 26Page - ams AG AS6221T Datasheet HTML 27Page - ams AG AS6221T Datasheet HTML 28Page - ams AG AS6221T Datasheet HTML 29Page - ams AG AS6221T Datasheet HTML 30Page - ams AG AS6221T Datasheet HTML 31Page - ams AG AS6221T Datasheet HTML 32Page - ams AG AS6221T Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Document Feedback
AS6221T
Register Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 29
Parameter
Symbol
Fast Mode
High Speed Mode
Unit
Min
Max
Min
Max
Data setup time
tSUDAT
100
10
ns
SCL clock low period
tLOW
1300
160
ns
SCL clock high period
tHIGH
600
60
ns
Clock/Data fall time
tF
300
80
ns
Clock/Data rise time
tR
300
80
ns
Clock/Data rise time for
SCL
≤100 kHz
tR
1000
ns
(1)
The device will hold the SDA line high for 100 ns during the falling edge of the SCL.
6.3.15
Timing Diagrams
The following timing diagrams depict the different bus operation modes and data transmission:
Figure 33:
Timing Diagram for Word Write
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
SCL
SDA
1
0
0
R /W
0
0
0
0
0
0
IX 1
IX 0
Start
by master
Values are defined by
ADD 0 pin setting
Frame 1: Slave Address Byte
Frame 2: Index Register Byte
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
SCL
SDA
Frame 3: MSB Data Byte
Frame 4: LSB Data Byte
D 7
D 6
D 5
D4
D 3
D 2
D 1
D 0
D 6
D5
D 4
D 3
D 2
D1
D 7
D0
(Continued )
(Continued )
Acknowledge
by slave
Acknowledge
by slave
Acknowledge
by slave
Acknowledge
by slave
Stop
by master
A3
A2
A1
A0
Values are defined
by ALERT/ADD1 pin
setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com