Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 14 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 14 Page - ams AG

Back Button AS6221T Datasheet HTML 10Page - ams AG AS6221T Datasheet HTML 11Page - ams AG AS6221T Datasheet HTML 12Page - ams AG AS6221T Datasheet HTML 13Page - ams AG AS6221T Datasheet HTML 14Page - ams AG AS6221T Datasheet HTML 15Page - ams AG AS6221T Datasheet HTML 16Page - ams AG AS6221T Datasheet HTML 17Page - ams AG AS6221T Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Document Feedback
AS6221T
Register Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 14
Addr: 0x1
Bit
Bit Name
Default
Access
Bit Description
14
Reserved
1
RO
Reserved
15
SS
0
RW
Single Shot
The configuration register is a 16-bit register which defines the operation modes of the device. Any
read/write operation processes the MSB byte first.
In Figure 14 the configuration register is shown. The bits 0-4 and 13-14 are not to be used and are set
to read only. The explanation of the other bits are detailed in the following sections.
6.2.2
Alert Bit
The alert bit can be used to easily compare the current temperature reading to the thresholds that can
be set in the TLWO and THIGH registers.
If the polarity bit is set to 0, the AL bit is read as 1 until the converted temperature value exceeds the
defined value in the high temperature threshold register THIGH for the number of defined consecutive
faults (bits CF). Such an event causes the AL bit to toggle to 0 and the value is kept until the
converted temperature value falls below the defined value in the low temperature threshold register
TLOW for the number of defined consecutive faults. If this condition is met, the AL bit is reset to 1.
The polarity bit (POL) defines the active state of the alert bit as depicted in the following figure.
The alert bit has the same setting as the alert output as long as the device is configured for the
comparator mode.
Figure 15:
State Diagram of the Alert Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com