Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 11 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 11 Page - ams AG

Back Button AS6221T Datasheet HTML 7Page - ams AG AS6221T Datasheet HTML 8Page - ams AG AS6221T Datasheet HTML 9Page - ams AG AS6221T Datasheet HTML 10Page - ams AG AS6221T Datasheet HTML 11Page - ams AG AS6221T Datasheet HTML 12Page - ams AG AS6221T Datasheet HTML 13Page - ams AG AS6221T Datasheet HTML 14Page - ams AG AS6221T Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Document Feedback
AS6221T
Operating Conditions
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 11
5.2
Digital System Parameters
Figure 9:
Digital System Parameters of AS6221T
Parameter
Symbol
Pins
Min
Typ
Max
Unit
Note
High Level Input
Voltage
V_IH
SCL, ADD0
0.7 *
VDD
V
Low Level Input
Voltage
V_IL
SCL, ADD0
0.3 *
VDD
V
Hysteresis Voltage
V_HYST
SCL,ADD0,
SDA,Alert
700
mV
Input Leakage
Current
I_LEAK
SCL;ADD0
-1
1
µA
V_IL=0.0 V
Low Level Output
Voltage
V_OL
Alert
VSS+0.4
V
I_OL=3 mA
High Level Input
Voltage
V_IH
SDA
0.7 *
VDD
V
Low Level Input
Voltage
V_IL
SDA
0.3*VDD
V
Low Level Output
Voltage
V_OL
SDA
VSS+0.4
V
Tristate Leakage
Current
I_OZ
SDA
-10
10
µA
to VSS
In Figure 9 an overview of the digital system parameters is given.
5.3
Thermal Information
Figure 10:
Thermal Information of AS6221T
Parameter
Symbol
Value
Unit
Junction to case (top) thermal resistance
RJC
33.4
K/W
Junction to ball (not board) thermal resistance
RJB
9
K/W
Case to ambient thermal resistance
RCA
31056
K/W
Junction to ambient thermal resistance (top) RJC + RCA
RJA
31089.4
K/W
Thermal mass
Mt
1
mJ/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com