Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 12 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 12 Page - ams AG

Back Button AS6221T Datasheet HTML 8Page - ams AG AS6221T Datasheet HTML 9Page - ams AG AS6221T Datasheet HTML 10Page - ams AG AS6221T Datasheet HTML 11Page - ams AG AS6221T Datasheet HTML 12Page - ams AG AS6221T Datasheet HTML 13Page - ams AG AS6221T Datasheet HTML 14Page - ams AG AS6221T Datasheet HTML 15Page - ams AG AS6221T Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Document Feedback
AS6221T
Register Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 12
6
Register Description
6.1
Register Overview
Figure 11 :
Register Map with Serial Interface
In Figure 11 the registers that the device contains are shown.
With the use of the index register, it is possible to address the specific register. The index register is
an 8-bit register, where only bits 0 and 1 are used as shown in Figure 12 and all other bits are set to 0
and read only.
6.1.1
Index Register
Figure 12:
Index Register
Bit
Bit Name
Default
Access
0
Address Bit
0
RW
1
Address Bit
0
RW
2
Reserved
0
RO
3
Reserved
0
RO
4
Reserved
0
RO
5
Reserved
0
RO
6
Reserved
0
RO
7
Reserved
0
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com