Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 23 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 23 Page - ams AG

Back Button AS6221T Datasheet HTML 19Page - ams AG AS6221T Datasheet HTML 20Page - ams AG AS6221T Datasheet HTML 21Page - ams AG AS6221T Datasheet HTML 22Page - ams AG AS6221T Datasheet HTML 23Page - ams AG AS6221T Datasheet HTML 24Page - ams AG AS6221T Datasheet HTML 25Page - ams AG AS6221T Datasheet HTML 26Page - ams AG AS6221T Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Document Feedback
AS6221T
Register Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 23
Example 50 °C:
50°������/0.0078125°������ = 6400 = ������������������������������������ 0001 1001 0000 0000 = ������������������ 1900
Figure 28:
Temperature Conversion Examples
Temperature (°C)
Digital Output (Binary)
Digital Output (Hex)
60.0
0001 1110 0000 0000
1E00
50.0
0001 1001 0000 0000
1900
25.0
0000 1100 1000 0000
0C80
0.125
0000 0000 0001 0000
0010
0.0078125
0000 0000 0000 0001
0001
0.0
0000 0000 0000 0000
0000
6.3
Serial Interface
The device employs a standard I²C-serial bus.
6.3.1
Bus Description
A data transfer must be invoked by a master device (e.g. microcontroller) which defines the access to
the slave device. The master device defines and generates the serial clock (SCL) and the start/stop
conditions.
In order to address a specific device, a START condition has to be generated by the master device by
pulling the data line (SDA) from a logic high level to a logic low level while the serial clock signal (SCL)
is kept at high level.
After the start condition, the slave address byte is transmitted which is completed with a ninth bit which
indicates a read (bit=’1’) or a write operation (bit=’0’) respectively. All slaves read the data on the rising
edge of the clock. An acknowledge signal is generated by the addressed slave during the ninth clock
pulse. This acknowledge signal is produced by pulling the pin SDA to a low level by the selected
slave.
Subsequently, the byte data transfer is started and finished by an acknowledge bit. A change in the
data signal (SDA) while the clock signal (SCL) is high causes a START or STOP condition. Hence, it
must be ensured such a condition is prevented during a data transfer phase.
After completing the data transfer, the master generates a STOP condition by pulling the data line
(SDA) from low level to high level while the clock signal (SCL) is kept at high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com