Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 9 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 9 Page - ams AG

Back Button AS6221T Datasheet HTML 5Page - ams AG AS6221T Datasheet HTML 6Page - ams AG AS6221T Datasheet HTML 7Page - ams AG AS6221T Datasheet HTML 8Page - ams AG AS6221T Datasheet HTML 9Page - ams AG AS6221T Datasheet HTML 10Page - ams AG AS6221T Datasheet HTML 11Page - ams AG AS6221T Datasheet HTML 12Page - ams AG AS6221T Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Document Feedback
AS6221T
Operating Conditions
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 9
5
Operating Conditions
The AS6221T is a complete sensor system that has an integrated sensing element, the analog
frontend, the A/D converter and the digital signal processing part.
The digital signal processing part consists of the signal processor, the registers and the serial bus
interface.
5.1
Analog System Parameters
Figure 6:
Analog System Parameters of AS6221T
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
1.71
1.8
1.98
V
T= 0 °C to 60 °C
Temperature Range
T
0
60
°C
Standby Current
Consumption
IDD
0.1
0.7
µA
T= 0 °C to 45 °C
1.5
µA
T= 45 °C to 60 °C
Current Consumption
(4 conversions /s)
IDD
6
8
µA
T= 0 °C to 45 °C
Serial bus inactive
9.5
µA
T= 45 °C to 60 °C
Serial bus inactive
Resolution
N
16
Bits
Conversion Time
TS
22
36
51
ms
Conversion Rate
NS
0.25
1
4
8
Conv
/s
CR[1:0]=00
CR[1:0]=01
CR[1:0]=10
CR[1:0]=11
Supply Voltage Rise
Time
TRise_VDD
20
ms
from 0.1 V to 1.6 V
Supply Voltage Slew
Rate
SR_VDD
50
mV/
ms
from 0.1 V to 1.6 V
In Figure 6 an overview of the analog system parameters is given.
The current consumption for less than 4 conversions per second is lower than the values given in
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com