Electronic Components Datasheet Search
  English  ▼

X  

AS6221T Datasheet(PDF) 10 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 10 Page - ams AG

Back Button AS6221T Datasheet HTML 6Page - ams AG AS6221T Datasheet HTML 7Page - ams AG AS6221T Datasheet HTML 8Page - ams AG AS6221T Datasheet HTML 9Page - ams AG AS6221T Datasheet HTML 10Page - ams AG AS6221T Datasheet HTML 11Page - ams AG AS6221T Datasheet HTML 12Page - ams AG AS6221T Datasheet HTML 13Page - ams AG AS6221T Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Document Feedback
AS6221T
Operating Conditions
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 10
Figure 7:
Temperature Accuracy Values of AS6221T
Variant
Symbol
Min
Typ
Max
Unit
Note
AS6221T
T_ERR
-0.09
-0.1
-0.12
0.09
0.1
0.12
°C
T= 20 °C to 42 °C
T= -25 °C to 55 °C
T= 55 °C to 60 °C
In Figure 7 the different accuracy values of AS6221T are shown. These values are representative for
a 3
 distribution. All accuracy values are valid for the complete supply voltage range given in Figure 6.
Figure 8:
Graphical Representation of Accuracy Values
In Figure 8 the temperature error is plotted against the temperature. This graph represents the actual
measurement of typical samples which have been mounted onto PCBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com