Electronic Components Datasheet Search
  English  ▼

X  

CS5467 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 13Page - Cirrus Logic CS5467 Datasheet HTML 14Page - Cirrus Logic CS5467 Datasheet HTML 15Page - Cirrus Logic CS5467 Datasheet HTML 16Page - Cirrus Logic CS5467 Datasheet HTML 17Page - Cirrus Logic CS5467 Datasheet HTML 18Page - Cirrus Logic CS5467 Datasheet HTML 19Page - Cirrus Logic CS5467 Datasheet HTML 20Page - Cirrus Logic CS5467 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
CS5467
DS714A1
17
ADVANCE RELEASE
5. FUNCTIONAL DESCRIPTION
5.1 Analog Inputs
The CS5467 is equipped with four fully differential input
channels. The inputs VIN
±, VIN2±, IIN±, and IIN2± are
designated as the voltage, voltage 2, current, and cur-
rent 2 channel inputs, respectively. The full-scale differ-
ential input voltage for the current and voltage channel
is
±250 mVP.
5.1.1 Voltage Channel Input
The output of the line voltage resistive divider or trans-
former is connected to the VIN+ (VIN2+) and VIN-
(VIN2-) input pins of the CS5467. The voltage channels
are equipped with a 10x fixed-gain amplifier. The
full-scale signal level that can be applied to the voltage
channel is
±250 mV. If the input signal is a sine wave,
the maximum RMS voltage at a gain 10x is:
which is approximately 70.7% of maximum peak volt-
age. The voltage channel is also equipped with a Volt-
age
Gain
Register
,
allowing
for
an
additional
programmable gain of up to 4x.
5.1.2 Current Channel Inputs
The output of the current-sense resistor or transformer
is connected to the IIN+ (IIN2+) and IIN- (IIN2-) input
pins of the CS5467. To accommodate different cur-
rent-sensing elements, the current channel incorpo-
rates a programmable gain amplifier (PGA) with two
programmable input gains. Configuration Register bit
Igain (I2gain) defines the two gain selections and corre-
sponding maximum input signal level.
For example, if Igain=0 (I2gain=0), current channel 1(2)
PGA gain is set to 10x. If the input signals are pure si-
nusoids with zero phase shift, the maximum peak differ-
ential signal on the current or voltage channel is
±250 mVP. The input signal levels are approximately
70.7% of maximum peak voltage and produce a
full-scale energy pulse registration equal to 50% of ab-
solute maximum energy registration. This will be dis-
cussed further in See Section 5.5 Energy Pulse Output
on page 18.
The Current Gain Register also facilitates an additional
programmable gain of up to 4x. If an additional gain is
applied to the voltage and/or current channel, the maxi-
mum input range should be adjusted accordingly.
5.2 IIR Filters
The current and voltage channels are equipped with a
3rd-order IIR filter, that is used to compensate for the
magnitude roll off of the low-pass decimation filter.
5.3 High-pass Filters
By removing the offset from either channel, no error
component will be generated at DC when computing the
active power. By removing the offset from both chan-
nels, no error component will be generated at DC when
computing VRMS, IRMS, and apparent power. Operation-
al Mode Register
bits VHPF, VHPF2, IHPF and IHPF2
activate the HPF in the voltage and current channel, re-
spectively. When a high-pass filter is active in only one
channel, an all-pass filter (APF) is applied to the com-
panion channel. The APF has an amplitude response
that is flat within the channel bandwidth and is used for
matching phase in systems where only one HPF is en-
gaged.
5.4 Performing Measurements
The CS5467 performs measurements of instantaneous
voltage (Vn) and current (In), and calculates instanta-
neous power (Pn) at an output word rate (OWR) of
where K is the value of the clock divider selected in the
Configuration Register
by bits K[3:0]. Note that a value
of K[3:0] = 0000 results in a clock divider setting of 16,
rather than zero.
The RMS voltage (VRMS, V2RMS), RMS current (IRMS,
I2RMS), and active power (Pactive, P2active) are comput-
ed using N instantaneous samples of Vn, In, and Pn re-
spectively, where N is the value in the Cycle Count
Register
and is referred to as a “computation cycle”. The
apparent power (S, S2) is the product of VRMS and IRMS.
A computation cycle is derived from the master clock
(MCLK), with frequency: Under default conditions and
with K = 1, N = 4000, and MCLK = 4.096 MHz – the
OWR = 4000 and the Computation Cycle = 1 Hz.
Igain, I2gain
Maximum Input
Gain
0±250 mV
10x
1
±50 mV
50x
Table 1. Current Channel PGA Setting
250mV
P
2
---------------------
176.78mV
RMS
≅
OWR
MCLK K
⁄
()
1024
-----------------------------
=
Computation Cycle
OWR
N
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com