Electronic Components Datasheet Search
  English  ▼

X  

CS5467 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 29Page - Cirrus Logic CS5467 Datasheet HTML 30Page - Cirrus Logic CS5467 Datasheet HTML 31Page - Cirrus Logic CS5467 Datasheet HTML 32Page - Cirrus Logic CS5467 Datasheet HTML 33Page - Cirrus Logic CS5467 Datasheet HTML 34Page - Cirrus Logic CS5467 Datasheet HTML 35Page - Cirrus Logic CS5467 Datasheet HTML 36Page - Cirrus Logic CS5467 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
CS5467
DS714A1
33
ADVANCE RELEASE
6.1.13 Active Energy Pulse Output Accumulator (Ppulse) Register
Address: 29
The Active Energy Pulse Output Accumulator (Ppulse) contains the average active energy measured on chan-
nels 1 & 2 and is used to drive the pulse output. The value is represented in two's complement notation and in
the range of -1.0
≤ Ppulse < 1.0, with the binary point to the right of the MSB.
6.1.14 Apparent Energy Pulse Output Accumulator (Spulse) Register
Address: 30
The Apparent Energy Pulse Output Accumulator (Spulse) contains the average apparent power measured on
channels 1 & 2 and is used to drive the pulse output. This result is updated after each computation cycle. The
value is represented in two's complement notation and in the range of -1.0
≤ Spulse < 1.0, with the binary point
to the right of the MSB.
6.1.15 Reactive Energy Pulse Output Accumulator (Qpulse) Register
Address: 31 (read only)
The Reactive Energy Pulse Output Accumulator (Qpulse) contains the average reactive power measured chan-
nels 1 & 2 and is used to drive the pulse output. The value is represented in two's complement notation and in
the range of -1.0
≤ Qpulse < 1.0, with the binary point to the right of the MSB.
6.1.16 Page Register
Address: 31 (write only)
Default = 0x00
Determines which register page the serial port will access.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com