| Electronic Components Datasheet Search |
|
CS5467 Datasheet(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5467 Datasheet(HTML) 30 Page - Cirrus Logic |
|
30 / 46 page ![]() CS5467 30 DS714A1 ADVANCE RELEASE 6.1.7 Status (Status) and Mask (Mask) Register Address: 15 (Status); 26 (Mask) Default = 0x800001 (Status Register), 0x000000 (Mask Register) The Status Register indicates status within the chip. In normal operation, writing a '1' to a bit will cause the bit to reset. Writing a '0' to a bit will not change it’s current state. The Mask Register is used to control the activation of the INT pin. Placing a logic '1' in a Mask bit will allow the corresponding bit in the Status Register to activate the INT pin when the status bit is asserted. DRDY Data Ready. During conversions, this bit will indicate the end of computation cycles. For cal- ibrations, this bit indicates the end of a calibration sequence. IOR (I2OR) Current Out of Range. Set when the magnitude of the measured current value causes the I (I2) register to overflow. VOR (V2OR) Voltage Out of Range. Set when the magnitude of the measured voltage value causes the V (V2) register to overflow. CRDY Conversion Ready. Indicates a new conversion is ready. This will occur at the output word rate. IROR (I2ROR) RMS Current Out of Range. Set when the calculated RMS current value causes the IRMS (I2RMS) register to overflow. VROR (V2ROR) RMS Voltage Out of Range. Set when the calculated RMS voltage value causes the VRMS (V2RMS) register to overflow. EOR (E2OR) Energy Out of Range. Set when PActive (P2Active) overflows. IFAULT (I2FAULT) Indicates a current fault occurred in the power line current. If the absolute value of the in- stantaneous current is less than ISAGlevel (I2SAGlevel) for more than half of the ISAGduration (I2SAGduration), the IFAULT (I2FAULT) bit will be set. VSAG (V2SAG) Indicates a voltage sag occurred in the power line voltage. If the absolute value of the in- stantaneous voltage is less than VSAGlevel (V2SAGlevel) for more than half of the VSAGduration (V2SAGduration), the VSAG (V2SAG) bit will be set. TUP Temperature Updated. Indicates a temperature conversion is ready. VOD (V2OD) Modulator Oscillation Detected on the voltage (voltage 2) channel. Set when the modulator oscillates due to an input above full scale. The level at which the modulator oscillates is sig- nificantly higher than the voltage (voltage 2) channel’s differential input voltage range. IOD (I2OD) Modulator Oscillation Detected on the current (current 2) channel. Set when the modulator oscillates due to an input above full scale. The level at which the modulator oscillates is sig- nificantly higher than the current (current 2) channel’s differential input voltage range. Note: The IOD (I2OD) and VOD (V2OD) bits may be ‘falsely’ triggered by very brief voltage 23 22 21 20 19 18 17 16 DRDY I2OR V2OR CRDY I2ROR V2ROR IOR VOR 15 14 13 12 11 10 9 8 E2OR IROR VROR EOR IFAULT VSAG I2FAULT V2SAG 7 654 32 10 TUP V2OD I2OD VOD IOD LSD FUP IC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |