Electronic Components Datasheet Search
  English  ▼

X  

CS5467 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 22Page - Cirrus Logic CS5467 Datasheet HTML 23Page - Cirrus Logic CS5467 Datasheet HTML 24Page - Cirrus Logic CS5467 Datasheet HTML 25Page - Cirrus Logic CS5467 Datasheet HTML 26Page - Cirrus Logic CS5467 Datasheet HTML 27Page - Cirrus Logic CS5467 Datasheet HTML 28Page - Cirrus Logic CS5467 Datasheet HTML 29Page - Cirrus Logic CS5467 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
CS5467
26
DS714A1
ADVANCE RELEASE
Page1
Address
RA[4:0]
Name
Description
0
00000
Idcoff
Current DC offset
1
00001
Ign
Current Gain Calibration
2
00010
Vdcoff
Voltage DC offset
3
00011
Vgn
Voltage Gain Calibration
4
00100
Poff
Power Offset
5
00101
Iacoff
Current AC (RMS) offset
6
00110
Vacoff
Voltage AC (RMS) offset
7
00111
I2dcoff
Current DC offset 2
8
01000
I2gn
Current Gain Calibration 2
9
01001
V2dcoff
Voltage DC offset 2
10
01010
V2gn
Voltage Gain Calibration 2
11
01011
P2off
Power Offset 2
12
01100
I2acoff
Current AC (RMS) offset 2
13
01101
V2acoff
Voltage AC (RMS) offset 2
15
01111
PulseRateE
Sets the energy-to-frequency output pulse rate
16
10000
Mode
Operational Modes
17
10001
Epsilon
Epsilon
19
10011
Cycle Count
Number of conversions in one computation cycle (N)
20
10100
Q
Trig
Reactive Power calculated from Power Triangle
21
10101
Q2
Trig
Reactive Power calculated from Power Triangle 2
22
10110
TGain
Temperature Sensor Gain
23
10111
Toff
Temperature Sensor Offset
26
11010
Tmeas
Temperature Measurement
28
11100
SYSgain
System Gain
Page2
Address
RA[4:0]
Name
Description
0
00000
VSAGduration
VSAG Duration
1
00001
VSAGlevel
VSAG Level
4
00100
ISAGduration
ISAG Duration
5
00101
ISAGlevel
ISAG Level
8
01000
V2SAGduration VSAG Duration 2
9
01001
V2SAGlevel
VSAG Level 2
12
01100
I2SAGduration
ISAG Duration 2
13
01101
I2SAGlevel
ISAG Level 2
Note: For proper operation, do not attempt to write to unspecified registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com