Electronic Components Datasheet Search
  English  ▼

X  

CS5467 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 27Page - Cirrus Logic CS5467 Datasheet HTML 28Page - Cirrus Logic CS5467 Datasheet HTML 29Page - Cirrus Logic CS5467 Datasheet HTML 30Page - Cirrus Logic CS5467 Datasheet HTML 31Page - Cirrus Logic CS5467 Datasheet HTML 32Page - Cirrus Logic CS5467 Datasheet HTML 33Page - Cirrus Logic CS5467 Datasheet HTML 34Page - Cirrus Logic CS5467 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
CS5467
DS714A1
31
ADVANCE RELEASE
spikes from the power line. This event should not be confused with a DC overload
situation at the inputs, when the IOD (I2OD) and VOD (V2OD) bits will re-assert
themselves even after being cleared, multiple times.
LSD
Low Supply Detect. Set when the voltage at the PFMON pin falls below the low-voltage thresh-
old (PMLO), with respect to AGND pin. For a given part, PMLO can be as low as 2.3 V. LSD bit
cannot be permanently reset until the voltage at PFMON pin rises back above the high-voltage
threshold (PMHI), which is typically 100 mV above the device’s low-voltage threshold. PMHI will
never be greater than 2.7 V.
FUP
Epsilon Updated. Indicates an update to the epsilon value has been placed in the register.
IC
Invalid Command. Normally logic 1. Set to logic 0 if the host interface is strobed with an 8-bit
word that is not recognized as one of the valid commands (see See Section 5.15 Commands
on page 24).
6.1.8 Peak Current (Ipeak, I2peak) and Peak Voltage (Vpeak, V2peak) Register
Address: 18 (Ipeak), 19 (Vpeak), 22 (I2peak), 23 (V2peak)
The Peak Current (Ipeak, I2peak) and Peak Voltage (Vpeak, V2peak) registers contain the instantaneous current
and voltage with the greatest magnitude detected during the last computation cycle. The value is represented
in two's complement notation and in the range of -1.0
≤ Ipeak,Vpeak < 1.0 (-1.0 ≤ I2peak,V2peak < 1.0), with the
binary point to the right of the MSB.
6.1.9 Apparent Power (S, S2) Register
Address: 20 (S), 24 (S2)
Apparent power S (S2) is the product of the VRMS and IRMS (V2RMS and I2RMS), The value is represented in
unsigned notation and in the range of 0
≤ S < 1.0 (0 ≤ S2 < 1.0), with the binary point to the right of the MSB.
6.1.10 Power Factor (PF, PF2) Register
Address: 21 (PF), 25 (PF2)
Power Factor is calculated by dividing the Active (Real) Power by Apparent Power. The value is represented in
two's complement notation and in the range of -1.0
≤ PF < 1.0 (-1.0 ≤ PF2 < 1.0), with the binary point to the
right of the MSB.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com