Electronic Components Datasheet Search
  English  ▼

X  

CS5467 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 38Page - Cirrus Logic CS5467 Datasheet HTML 39Page - Cirrus Logic CS5467 Datasheet HTML 40Page - Cirrus Logic CS5467 Datasheet HTML 41Page - Cirrus Logic CS5467 Datasheet HTML 42Page - Cirrus Logic CS5467 Datasheet HTML 43Page - Cirrus Logic CS5467 Datasheet HTML 44Page - Cirrus Logic CS5467 Datasheet HTML 45Page - Cirrus Logic CS5467 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
CS5467
42
DS714A1
ADVANCE RELEASE
8. AUTO-BOOT MODE USING E2PROM
When the CS5467 MODE pin is asserted (logic 1), the
CS5467 auto-boot mode is enabled. In auto-boot mode,
the CS5467 downloads the required commands and
register data from an external serial E2PROM, allowing
the CS5467 to begin performing energy measurements.
8.1 Auto-boot Configuration
A typical auto-boot serial connection between the
CS5467 and a E2PROM is illustrated in Figure 18. In au-
to-boot mode, the CS5467’s CS and SCLK are config-
ured as outputs. The CS5467 asserts CS (logic 0),
provides a clock on SCLK, and sends a read command
to the E2PROM on SDO. The CS5467 reads the us-
er-specified commands and register data presented on
the SDI pin. The E2PROM’s programmed data is utilized
by the CS5467 to change the designated registers’ de-
fault values and begin registering energy.
Figure 18 also shows the external connections that
would be made to a calibrator device, such as a PC or
custom calibration board. When the metering system is
installed, the calibrator would be used to control calibra-
tion and/or to program user-specified commands and
calibration values into the E2PROM. The user-specified
commands/data will determine the CS5467’s exact op-
eration, when the auto-boot initialization sequence is
running. Any of the valid commands can be used.
8.2 Auto-boot Data for E2PROM
Below is an example code set for an auto-boot se-
quence. This code is written into the E2PROM by the us-
er. The serial data for such a sequence is shown below
in single-byte hexidecimal notation:
-
7E 00 00 01
Change to page 1.
-
60 00 01 E0
Write Operation Mode Register, turn high-pass
filters on.
-
42 7F C4 A9
Write value of 0x7FC4A9 to Current Gain
Register.
-
46 FF B2 53
Write value of 0xFFB253 to Voltage Gain
Register.
-
50 7F C4 A9
Write value of 0x7FC4A9 to Current 2 Gain
Register.
-
54 FF B2 53
Write value of 0xFFB253 to Voltage 2 Gain
Register.
-
7E 00 00 00
Change to page 0.
-
74 00 00 04
Unmask bit #2 (LSD) in the Mask Register.
-
E8
Start continuous conversions
-
78 00 01 00
Write STOP bit to Control Register, to terminate
auto-boot initialization sequence.
8.3 Which E2PROMs Can Be Used?
Several industry-standard serial E2PROMs that will suc-
cessfully run auto-boot with the CS5467 are listed be-
low:
•
Atmel AT25010, AT25020 or AT25040
•
National Semiconductor NM25C040M8 or NM25020M8
•
Xicor X25040SI
These types of serial E2PROMs expect a specific 8-bit
command (00000011) in order to perform a memory
read. The CS5467 has been hardware programmed to
transmit this 8-bit command to the E2PROM at the be-
ginning of the auto-boot sequence.
CS5467
EEPROM
E1
E2
MODE
SCLK
SDI
SDO
CS
SCK
SO
SI
CS
Connector to
Calibrator
VD+
5 K
5 K
Pulse Output
Counter
Figure 18. Typical Interface of E2PROM to CS5467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com