Electronic Components Datasheet Search
  English  ▼

X  

CS5467 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 21Page - Cirrus Logic CS5467 Datasheet HTML 22Page - Cirrus Logic CS5467 Datasheet HTML 23Page - Cirrus Logic CS5467 Datasheet HTML 24Page - Cirrus Logic CS5467 Datasheet HTML 25Page - Cirrus Logic CS5467 Datasheet HTML 26Page - Cirrus Logic CS5467 Datasheet HTML 27Page - Cirrus Logic CS5467 Datasheet HTML 28Page - Cirrus Logic CS5467 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
CS5467
DS714A1
25
ADVANCE RELEASE
5.15.4 Register Read/Write
The Read/Write informs the command decoder that a register access is required. During a read operation, the ad-
dressed register is loaded into the device’s output buffer and clocked out by SCLK. During a write operation, the
data is clocked into the input buffer and transferred to the addressed register upon completion of the 24th SCLK.
W/R
Write/Read control
0 = Read register
1 = Write register
RA[4:0]
Register address bits (bits 5 through 1) of the read/write command.
Page 0
Address
RA[4:0]
Name
Description
0
00000
Config
Configuration
1
00001
I
Instantaneous Current
2
00010
V
Instantaneous Voltage
3
00011
P
Instantaneous Power
4
00100
PActive
Average Active (Real) Power
5
00101
IRMS
RMS Current
6
00110
VRMS
RMS Voltage
7
00111
I2
Instantaneous Current 2
8
01000
V2
Instantaneous Voltage 2
9
01001
P2
Instantaneous Power 2
10
01010
P2Active
Average Active (Real) Power 2
11
01011
I2RMS
RMS Current 2
12
01100
V2RMS
RMS Voltage 2
13
01101
QAvg
Average Reactive Power
14
01110
Q
Instantaneous Reactive Power
15
01111
Status
Status (Write of ‘1’ to status bit will clear the bit)
16
10000
Q2Avg
Average Reactive Power 2
17
10001
Q2
Instantaneous Reactive Power 2
18
10010
Ipeak
Peak Current
19
10011
Vpeak
Peak Voltage
20
10100
S
Apparent Power
21
10101
PF
Power Factor
22
10110
I2peak
Peak Current 2
23
10111
V2peak
Peak Voltage 2
24
11000
S2
Apparent Power 2
25
11001
PF2
Power Factor 2
26
11010
Mask
Mask
27
11011
T
Temperature
28
11100
Ctrl
Control
29
11101
Ppulse
Active Energy Pulse Output Accumulator
30
11110
Spulse
Apparent Energy Pulse Output Accumulator
31
11111
Qpulse / Page
Reactive Energy Pulse Output Accumulator (read only)
and Page (write only)
Note: For proper operation, do not attempt to write to unspecified registers.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com