Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 22 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 22 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 18Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 19Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 20Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 21Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 22Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 23Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 24Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 25Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 26Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Quad Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• 4 Transmit, 4 Receive Quad Port Surface Mount Filter
• Operating Temperature -0°C to 70°C
• 1500 Vrms Isolation
Schematic
EPE6225S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6225S
Rev. 1
5/6/03
.050
(1.27)
Solder Pad Layout
PCA
EPE6225S
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.260
(6.60)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
Interwinding
Capacitance
(pF Max.)
10
@ 100 KHz,
0.1 Vrms
Common Mode Rejection
TX Side
(dB Min.)
Leakage
Inductance
(µH Max.)
0.30
@ 100 KHz,
0.1 Vrms
Xmit & Rcv
-50
Crosstalk
(dB Typ.)
5-10
MHz
150
Primary
Inductance
(uH min.)
@ 100 KHz,
0.1 Vrms
Xmit & Rcv
Insertion
Loss
(dB Max)
Xmit & Rcv
-1.0
1-10
MHz
Return
Loss (dB
Mi )
5-10
MHz
Xmit & Rcv
-20
1-10
MHz
-40
@
50 MHz
-30
@
100 MHz
-20
@
200 MHz
-10
Rcv1
40
39
12
Pri.
Sec.
30
29
11
12
Rcv3
25
24
16
17
Rcv4
Xmit1
37
36
34
38
5
33
32
89
Xmit2
10
31
28
27
13
14
Xmit3
26
15
23
22
18 19
Xmit4
21
20
Rcv2
34
35
67
1:1
1:1
1:1
1:1
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com