Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 54 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 54 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 50Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 51Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 52Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 53Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 54Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 55Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 56Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 57Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 58Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Robust construction to meet IR/VP soldering processes
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• RoHS Compliant
EPF8115G & EPF8115G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8115G & -RC
Rev. A2
7/27/05 JDG
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-50
1-100
MHz
Insertion Loss
(dB Max.)
1-100
MHz
-1/-1
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
-14/-14
Xmit/Rcv
200
MHz
Xmit/Rcv
-15/-20
300-500
MHz
Xmit/Rcv
-10/-10
60-80
MHz
-12/-12
Xmit/Rcv
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
Package
.500
(12.70)
.035
(.889)
0°-8°
.092
(2.34)
Pad
Layout
.560
(14.22)
.030
(.762)
.100
(2.54)
.980
(24.89)
.390
(9.91)
PCA
EPF8115G(-RC)
Date Code
Pin 1
I.D.
.700
(17.78)
.140
(3.56)
.017/.022
(.432/.559)
.100
(2.54)
.010/.015
(.254/.381)
.247
(6.27)
.008/.013
(.203/.330)
30-100
MHz
Xmit/Rcv
-35/-35
Schematic
7 RX+
Receive Channel
RD+ 1
RD- 2
CT 3
5 CT
6 RX-
1CT:1CT
Transmit Channel
CT 14
TD- 15
TD+ 16
11 TX-
10 TX+
1CT:1CT
12 CT
100-150
MHz
-3/-3
Xmit/Rcv
80-100
MHz
-10/-10
Xmit/Rcv
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPF8115G-RC
Pb-Free +
(RoHS exemption 7a)
260°C
1.85 grams
19 pieces/tube
550 pieces/13” reel
(*EPF8115G-RCTR)
EPF8115G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
1.85 grams
19 pieces/tube
550 pieces/13” reel
(*EPF8115G-TR)
SnPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com