Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 30 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 30 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 26Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 27Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 28Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 29Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 30Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 31Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 32Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 33Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 34Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• General purpose 10Base-T Filter Module
• Robust construction allows for toughest reflow processing
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Transfer Molded Package
Schematic
EPE6343G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6343G
Rev. 1
5/6/03
•
Isolation : 1500 Vrms •
Characteristic Filter Impedance : 100
Ω • †Crosstalk : Between Channels •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-19/-11
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-50/---
@ 200 MHz
Xmit/Rcv
-40/---
@ 30 MHz
-30/-18
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
.500
(12.70)
.035
(.889)
0°-8°
.090
(2.29)
Pad
Layout
.540
(13.72)
.040
(1.02)
.100
(2.54)
.920
(23.36)
.380
(9.65)
PCA
EPE6343G
Date Code
Pin 1
I.D.
.700
(17.78)
.110
(2.79)
.016/.022
(.406/.559)
.100
(2.54)
.010/.015
(.254/.381)
.225
(5.71)
.008/.012
(.203/.305)
@ 50 MHz
Xmit/Rcv
-45/---
Crosstalk
†
(dB Min.)
-35
1-10 MHz
Attenuation
(dB Min.)
@ 20 MHz
-7/-5
Xmit/Rcv
@ 40 MHz
-35/-26
Xmit/Rcv
6
8
3
1
LPF
5
Chip Side
UTP Side
11
9
14
16
LPF
12
1:1
Chip Side
UTP Side
Transmit Channel
Receive Channel
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com