Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 84 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 84 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 80Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 81Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 82Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 83Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 84Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 85Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 86Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 87Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 88Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
E L E C T R O N I C S I N C .
1000Base-T Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Complies with or exceeds IEEE 802.3 1000Base-T Standards
• Guaranteed to operate with 8 mA DC Bias at 0°C to +70°C
• 1500 Vrms Isolation
EPG4009F
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSFG4009F
Rev. 2
5/5/03 JDG
OCL
(µH Min.)
@ 100 KHz, 0.1 Vrms
8 mA DC bias
350 (Media Side)
• Impedance : 100
Ω •
Schematic
13, 16, 19, 22
15, 18, 21, 24
14, 17, 20, 23
36, 33, 30, 27
34, 31, 28, 25
35, 32, 29, 26
2, 5, 8, 11
3, 6, 9, 12
1, 4, 7, 10
47, 44, 41, 38
46, 43, 40, 37
48, 45, 42, 39
Chip
Side
Media
Side
1CT:1CT
1CT:1CT
Chip
Side
Media
Side
.039
(.990)
.480
(12.19)
.625
(15.88)
.039
(.990)
.030
(.762)
.068
(1.73)
.285
(7.24)
.035
(.889)
.008/.013
(.203/.330)
.600
(15.24)
.010/.015
(.254/.381)
.897
(22.78)
.016/.022
(.406/.559)
1.095
(27.81)
0°-8°
.099
(2.51)
Pad
Layout
PCA
EPG4009F
Date Code
48
25
124
Pin 1
I.D.
Insertion
Loss
(dB Max.)
1-100
MHz
-1.4
Crosstalk
(dB Min.)
-37.5
60
MHz
-33
100
MHz
-43.5
30
MHz
-35
100
MHz
-40
60
MHz
CMRR
(dB Min.)
100
MHz
-10
-13.1
50
MHz
-12
60-
80
-14.4
40
MHz
-16
1-30
MHz
Return
Loss
(dB Min.)
30
MHz
-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com