Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 58 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 58 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 54Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 55Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 56Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 57Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 58Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 59Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 60Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 61Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 62Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for Enable EL40C331, Broadcom BCM5201,
BCM5202 & Level One LXT970
• Designed to operate from 0°C to +70°C @ 8 mA DC Bias
• Complies with or exceeds IEEE 802.3 & ANSI X3.263 Standards
• Peak Solder Rating (see Note 2)
• RoHS Compliant
EPF8143S & EPF8143S-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8143S & -RC
Rev. Orig1
7/27/05 JGD
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-35
1-100
MHz
.1-100
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
30-100
MHz
Xmit/Rcv
-35/-30
100-500
MHz
Xmit/Rcv
-10/-10
100
MHz
-10/-10
Xmit/Rcv
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
1-30
MHz
Xmit/Rcv
-40/-40
Package
Suggested
Solder
Pad Layout
PCA
EPF8143S(-RC)
Date Code
.490
(12.45)
.270
(6.86)
.190
(4.83)
.350
(8.89)
.010/.015
(.254/.381)
.050
(1.27)
.380
(9.65)
.016/.022
(.406/.559)
.008/.012
(.203/.305)
.070
(1.78)
0°-8°
.035
(.889)
.030
(.762)
.050
(1.27)
.055
(1.40)
.420
(10.67)
Pin 1
I.D.
Schematic
Transmit Channel
1CT:1CT
3
1
2
14
16
15
Receive Channel
10
1CT:1CT
9
11
8
6
7
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPF8143S-RC
Pb-Free +
(RoHS exemption 7a)
260°C
0.912 gram
40 pieces/tube
650 pieces/13” reel
(*EPF8143S-RCTR)
EPF8143S
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
0.912 gram
40 pieces/tube
650 pieces/13” reel
(*EPF8143S-TR)
SnPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com