Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 47 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 47 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 43Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 44Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 45Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 46Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 47Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 48Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 49Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 50Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 51Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Module for
Multi-Port Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for ICS 1890 & SSI 78Q2120 Chips
• Recommended for Broadcom BCM5208 10/100 Solution
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Significantly Improved Common Mode Attenuation
• Guaranteed to operate with 8 mA DC Bias at 70°C
Schematic
EPF8049S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8049S
Rev. A1
5/8/03
•
Isolation : 1500 Vrms • Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-30
0.1-100
MHz
0.1-80
MHz
-1/-1
Xmit/Rcv
100
MHz
-1/-1
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
100
MHz
-10/-10
Xmit/Rcv
200
MHz
Xmit/Rcv
-25/-20
300
MHz
Xmit/Rcv
-20/-10
30-100
MHz
-30/-28
Xmit/Rcv
500
MHz
Xmit/Rcv
-15/---
OCL
(@ 70°C)
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
.050
(1.27)
Solder Pad Layout
PCA
EPF8049S
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.245
(6.22)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
150
MHz
-3/-3
Xmit/Rcv
Receive Channel
Cable
Side
1:
1
39, 34, 29, 24
40, 35, 30, 25
Chip
Side
2, 7, 12, 17
1, 6, 11, 16
Transmit Channel
36, 31, 26, 21
38, 33, 28, 23
37, 32, 27, 22
1CT:1CT
5, 10, 15, 20
4, 9, 14, 19
3, 8, 13, 18
Cable
Side
Chip
Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com