Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 85 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 85 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 81Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 82Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 83Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 84Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 85Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 86Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 87Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 88Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 89Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
E L E C T R O N I C S I N C .
1000Base-T Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Complies with or exceeds IEEE 802.3 1000Base-T Standards
• Guaranteed to operate with 8 mA DC Bias at 0°C to +70°C
• Transfer Molded Part
• 1500 Vrms Isolation
EPG4010F
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSFG4010F
Rev. Orig1
5/5/03 JDG
OCL
(µH Min.)
@ 100 KHz, 0.1 Vrms
8 mA DC bias
350 (Media Side)
• Impedance : 100
Ω •
Schematic
.039
(.990)
.480
(12.19)
.625
(15.88)
.039
(.990))
.030
(.762)
.068
(1.73)
.285
(7.24)
.035
(.889)
.008/.013
(.203/.330)
.600
(15.24)
.010/.015
(.254/.381)
.897
(22.78)
.016/.022
(.406/.559)
1.095
(27.81)
0°-8°
.099
(2.51)
Pad
Layout
PCA
EPG4010F
Date Code
48
25
124
Pin 1
I.D.
Insertion
Loss
(dB Max.)
1-100
MHz
-1.4
Crosstalk
(dB Min.)
-37.5
60
MHz
-33
100
MHz
-43.5
30
MHz
-35
100
MHz
-40
60
MHz
CMRR
(dB Min.)
100
MHz
-10
-13.1
50
MHz
-12
60-80
MHz
-14.4
40
MHz
-16
1-30
MHz
Return
Loss
(dB Min.)
30
MHz
-45
13, 16, 19, 22
15, 18, 21, 24
14, 17, 20, 23
36, 33, 30, 27
34, 31, 28, 25
35, 32, 29, 26
2, 5, 8, 11
3, 6, 9, 12
1, 4, 7, 10
47, 44, 41, 38
46, 43, 40, 37
48, 45, 42, 39
Chip
Side
Media
Side
1CT:1CT
1CT:1CT
Chip
Side
Media
Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com