Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 86 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 86 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 82Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 83Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 84Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 85Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 86Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 87Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 88Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 89Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 90Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
E L E C T R O N I C S I N C .
1000Base-T Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Smallest Gigabit Magnetic Module
• Ideal for Multiport 10/100Base-TX as Gigabit Solutions
• Suitable for Auto MDIX 10/100Base-TX Applications
• Complies with or exceeds IEEE 802.3ab 1000Base-T
• Guaranteed to operate with 10/100Base-TX
• Operating Temperature Range : 0°C to 70°C
• Enhanced Common Mode Choke
• RoHS Compliant
EPG4011J & EPG4011J-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSFG4011J & -RC
Rev. 4
8/2/05 JDG
Insertion Loss
(dB Max.)
1-65
MHz
-1
OCL
(µH Min.)
@ 100 KHz, 0.1 Vrms
8 mA DC bias
350 (Media Side)
Common to Differential
(dB Min.)
Crosstalk
(dB Min.)
-35
60
MHz
-30
100
MHz
-40
1-40
MHz
-35
50
MHz
-30
100
MHz
-40
30
MHz
-30
1-80
MHz
CMRR
(dB Min.)
-60
1
MHz
-1.1
65-100
MHz
100-125
MHz
-1.5
-12
80
MHz
-10
100
MHz
-15
60
MHz
-18
1-40
MHz
Return Loss
(dB Min.)
• Isolation : 1500 Vrms • Rise Time : 1.75 nS Max. • Impedance : 100
Ω •
Schematic
1CT:1CT
23, 20, 17, 14
24, 21, 18, 15
22, 19, 16, 13
1, 4, 7, 10
2, 5, 8, 11
3, 6, 9, 12
Media Side
Chip Side
Package
Marking:
PCA
EPG4011J(-RC)
Date Code
.375
(9.53)
.090
(2.29)
.018
(.457)
.050
(1.27)
.550
(13.97)
.030 Max.
(.760)
Pin 1
I.D.
.285
(7.24)
.730
(18.54)
.190
(4.83)
.290
Max.
(7.37)
Pad Layout
.050
(1.27)
.030
(.762)
.090
(2.29)
.280
(7.11)
Notes :
1. Assembly Process
(Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
(Leadframe)
(Assembly Solder)
4
(72 Hours,
≤30°C/60%RH)
EPG4011J-RC
SnPb
(RoHS exemption 7a)
260°C
5.6 grams
18 pieces/tube
350 pieces/13 reel
(*EPG4011J-RCTR)
Sn
EPG4011J
SnPb
225°C
3
(168 Hours,
≤30°C/60%RH)
5.6 grams
18 pieces/tube
350 pieces/13” reel
(*EPG4011J-TR)
SnPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com