Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 66 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 66 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 62Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 63Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 64Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 65Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 66Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 67Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 68Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 69Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 70Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for use with SSI578Q2120 Chip
(when connected per appropriate schematic)
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8186AG
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8186AG
Rev. B
5/8/03
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. • Crosstalk : Between Channels •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk*
(dB Min.)
-35
1-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
80-100
MHz
-1/-1
Xmit/Rcv
150
MHz
-3.5/-3
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
-12/-12
Xmit/Rcv
30-100
MHz
Xmit/Rcv
-35/-35
100-200
MHz
Xmit/Rcv
-30/-20
60-100
MHz
-10/-10
Xmit/Rcv
200-500
MHz
Xmit/Rcv
-10/-10
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
.500
(12.70)
.035
(.889)
0°-8°
.092
(2.34)
Pad
Layout
.560
(14.22)
.030
(.762)
.100
(2.54)
.980
(24.89)
.390
(9.91)
PCA
EPF8186AG
Date Code
Pin 1
I.D.
.700
(17.78)
.140
(3.56)
.017/.022
(.432/.559)
.100
(2.54)
.010/.015
(.254/.381)
.247 Max.
(6.27)
.008/.013
(.203/.330)
1-30
MHz
Xmit/Rcv
-45/-45
11
9
10
Receive Channel
6
8
7
Cable
Chip
1:1
Transmit Channel
Cable
Chip
2
3
1
14
16
1:1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com