Electronic Components Datasheet Search
  English  ▼

X  

EPF8024G Datasheet(PDF) 81 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 81 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 77Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 78Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 79Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 80Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 81Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 82Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 83Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 84Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 85Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
E L E C T R O N I C S I N C .
1000Base-T Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Complies with or exceeds IEEE 802.3ab 1000Base-T
• Guaranteed to operate with 10/100Base-TX
• 1500 Vrms Isolation
• RoHS Compliant
EPG4004F & EPG4004F-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSFG4004F & RC
Rev. 2
7/27/02 JDG
Insertion Loss
(dB Max.)
1-65
MHz
-1
OCL
(µH Min.)
@ 100 KHz, 0.1 Vrms
8 mA DC bias
350 (Media Side)
Common to Differential
(dB Min.)
Cross talk
(dB Min.)
-35
60
MHz
-30
100
MHz
-40
1-40
MHz
-35
50
MHz
-30
100
MHz
-40
30
MHz
-30
1-80
MHz
CMRR
(dB Min.)
-60
1
MHz
-1.1
65-100
MHz
100-125
MHz
-1.5
-12
80
MHz
-10
100
MHz
-15
60
MHz
-18
1-40
MHz
Return Loss
(dB Min.)
• Rise Time : 1.75 nS Max. • Impedance : 100
Ω •
Package
.720
(18.29)
.035
(.889)
0°-8°
.080
(2.03)
.670
(17.06)
.025
(.6.35)
.540
(13.72)
.600
(15.24)
Pin 1
I.D.
.013/.019
(.330/.483)
..039
(.991)
.010/.015
(.254/.381)
.225
(5.72)
.550
(24.13)
.039
(.991)
.056
(1.41)
.008/.013
(.203/.305)
PCA
EPG4004F(-RC)
Date Code
Pad
Layout
Schematic
1CT:1CT
23, 20, 17, 14
24, 21, 18, 15
22, 19, 16, 13
1, 4, 7, 10
2, 5, 8, 11
3, 6, 9, 12
Notes :
1. Assembly Process
(Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
(Leadframe)
(Assembly Solder)
4
(72 Hours,
≤30°C/60%RH)
EPG4004F-RC
SnPb
(RoHS exemption 7a)
260°C
5.6 grams
18 pieces/tube
350 pieces/13 reel
(*EPG4004F-RCTR)
Sn
EPG4004F
SnPb
225°C
3
(168 Hours,
≤30°C/60%RH)
5.6 grams
18 pieces/tube
350 pieces/13” reel
(*EPG4004F-TR)
SnPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com