Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 15Page - National Semiconductor (TI) MF8 Datasheet HTML 16Page - National Semiconductor (TI) MF8 Datasheet HTML 17Page - National Semiconductor (TI) MF8 Datasheet HTML 18Page - National Semiconductor (TI) MF8 Datasheet HTML 19Page - National Semiconductor (TI) MF8 Datasheet HTML 20Page - National Semiconductor (TI) MF8 Datasheet HTML 21Page - National Semiconductor (TI) MF8 Datasheet HTML 22Page - National Semiconductor (TI) MF8 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
20 Design Tables for Multiple Feedback Loop Bandpass Filters (Continued)
CHEBYSHEV
RIPPLE 07 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
17471
31020
07609
6
14150
13249
48943
14232
8
09089
06431
20808
24466
20543
10
04856
03516
10959
05316
19842
26649
CHEBYSHEV
RIPPLE 08 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
17298
30478
07905
6
13795
12837
47534
14679
8
08675
06187
20060
22887
21130
CHEBYSHEV
RIPPLE 09 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
17136
29978
08177
6
13475
12469
46271
15090
8
08311
05973
19400
21529
21671
CHEBYSHEV
RIPPLE 01 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
16983
29512
08430
6
13183
12137
45125
15473
8
07986
05782
18809
20343
22176
CHEBYSHEV
RIPPLE 02 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
15757
25998
10378
6
11128
09894
37271
18413
8
05891
04551
14954
13309
26057
CHEBYSHEV
RIPPLE 03 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
14833
23575
11804
6
09835
08560
32501
20568
8
04732
03861
12760
09885
28914
CHEBYSHEV
RIPPLE 04 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
14067
21698
12988
6
08888
07618
29088
22363
8
03956
03391
11250
07792
31299
CHEBYSHEV
RIPPLE 05 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
13405
20161
14029
6
08143
06897
26447
23944
8
03389
03040
10114
06365
33406
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com