Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) MF8 Datasheet HTML 10Page - National Semiconductor (TI) MF8 Datasheet HTML 11Page - National Semiconductor (TI) MF8 Datasheet HTML 12Page - National Semiconductor (TI) MF8 Datasheet HTML 13Page - National Semiconductor (TI) MF8 Datasheet HTML 14Page - National Semiconductor (TI) MF8 Datasheet HTML 15Page - National Semiconductor (TI) MF8 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
10 Application Information (Continued)
Higher-order filters are designed in a similar manner An
eighth-order Chebyshev with 01 dB ripple center frequency
equal to 1 kHz and 100 Hz bandwidth for example could
be built as in
Figure 11 with the following component values
R0 e 7986k
RF e 100k
R2 e 5782k
R3 e 18808k
R4 e 20342k
Pins 1 3 17 and 18 high pin 2 low For 1001 clock-to-cen-
ter-frequency ratio pin 10 is tied to Va and the clock fre-
quency is 100 kHz For 501 clock-to-center-frequency ratio
pin 10 is tied to Vb and the clock frequency is 50 kHz
When building filters of order 4 or higher best performance
will always be realized when the filter blocks are cascaded
in numerical order Filter 1 (pins 16 and 15) should always
precede Filter 2 (pins 5 and 6) If a second MF8 is used
Filter 2 of the first MF8 should precede Filter 1 of the sec-
ond MF8 and so on
Dynamic Considerations
Some filter response characteristics will result in high gain
at certain internal nodes particularly at the op amp output
This can cause clipping in intermediate stages even when
no clipping is evident at the filter output The consequences
are significant distortion and degradation of the overall
transfer function The likelihood of clipping at the op amp
output becomes greater as RF R0 increases As the design
tables show RF R0 increases with increasing filter order
and increasing ripple It is good practice to keep out-of-band
input signal levels small enough that the first stage can’t
overload
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com