Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 7Page - National Semiconductor (TI) MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) MF8 Datasheet HTML 10Page - National Semiconductor (TI) MF8 Datasheet HTML 11Page - National Semiconductor (TI) MF8 Datasheet HTML 12Page - National Semiconductor (TI) MF8 Datasheet HTML 13Page - National Semiconductor (TI) MF8 Datasheet HTML 14Page - National Semiconductor (TI) MF8 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
10 Application Information (Continued)
fC1 and fC2 The filter’s lower and upper cutoff frequencies
These define the filter’s passband
fS1 and fS2 The boundaries of the filter’s stopband
BW The filter’s bandwidth BW e fC2 b fC1
SBW The width of the filter’s stopband SBW e fS2 b fS1
f0 The center frequency of the filter f0 is equal to the geo-
metric mean of fC1 and fC2 f0 e
0fC1fC2 f0 is also equal to
the geometric mean of fS1 and fS2
H0BP The nominal passband gain of the bandpass filter
This is normally taken to be the gain at f0
f0 BW The ratio of the center frequency to the bandwidth
For second-order filters this quantity is also known as ‘‘Q’’
SBWBW The ratio of stopband width to bandwidth This
quantity is also called ‘‘Omega’’ and may be represented by
the symbol ‘‘X’’
Amax The maximum allowable gain variation within the filter
passband This will depend on the system requirements but
typically ranges from a fraction of a dB to 3 dB
Amin The minimum allowable attenuation in the stopband
Again the required value will depend on system constraints
2) Choose a Butterworth or Chebyshev response charac-
teristic Butterworth bandpass filters are monotonic on ei-
ther side of the center frequency while Chebyshev filters
will have ‘‘ripple’’ in the passband but generally faster at-
tenuation outside the passband Chebyshev filters are spec-
ified according to the amount of ripple (in dB) within the
passband
3) Determine the filter order necessary to meet the re-
sponse requirements defined above This may be done with
the aid of the nomographs in
Figures 8 and 9 for Butter-
worth and Chebyshev filters To use the nomographs draw
a line through the desired values on the AMAX AMIN scales
to the left side of the graph Draw a horizontal line to the
right of this point and mark its intersection with the vertical
line corresponding to the required ratio SBWBW The re-
quired filter order will be equal to the number of the curve
falling on or just above the intersection of the two lines This
is illustrated in
Figure 10 for a Chebyshev filter with 1 dB
ripple 30 dB minimum attenuation in the stopband and
SBWBW e 3 From the
Figure the required filter order is
6
4) The design tables in section 20 can now be used to find
the component values that will yield the desired response
for filters of order 4 through 12 The ‘‘Kn’’ give the ratios of
resistors ‘‘Rn’’ to RF and KQ is Q divided by f0 BW
As an example of the Tables’ use consider a fourth-order
Chebyshev filter with 05 dB ripple and f0 BW e 6 Begin by
choosing a convenient value for RF such as 100 kX From
the ‘‘05 dB Chebyshev’’ filter table K0 e R0 RF e 13405
This gives R0 e RF c 1345 e 13405k In a similar man-
ner R2 is found to equal 20161k Q is found using the
column labeled KQ This gives Q e KQ c f0 BW e 84174
Table I shows the available Q values the nearest value is
85 which is programmed by tying pins 1 2 3 and 18 to Va
and pin 17 to Vb
Note that the resistor values obtained from the tables are
normalized for center frequency gain HOBP e 1 For differ-
ent gains simply divide R0 by the desired gain
5) Choose the clock-to-center-frequency ratio This will
nominally be 1001 when pin 10 is connected to pin 12(Va)
and 501 when pin 10 is connected to pin 11(Vb) 1001
generally gives a response curve nearer the ideal and fewer
(if any) problems with aliasing while 501 allows operation
over the highest octave of center frequencies (10 kHz to 20
kHz) Supply the MF8 with a clock signal of the appropriate
frequency to either the TTL or CMOS input depending on
the available clock logic levels
TABLE I Q and Clock-to-Center-Frequency Ratio
Versus Logic Levels on ‘‘Q-set’’ Pins
501 mode
1001 mode
ABCDE
FCLK Fo
QFCLK Fo
Q
10000
437
045
940
047
11000
458
071
958
073
01000
468
096
968
098
10100
484
20
984
20
00100
487
25
987
25
01100
489
30
989
30
11100
492
40
992
40
01010
493
50
993
50
10010
494
57
994
57
10110
494
64
994
64
00010
495
76
995
76
11110
496
85
996
85
00110
496
106
996
106
11001
496
117
996
117
11010
497
125
997
125
11101
497
136
997
136
01001
497
147
997
147
10011
497
158
997
158
10101
497
165
997
165
01110
497
17
997
17
10001
498
19
998
19
10111
498
22
998
22
11011
498
27
998
27
11111
498
30
998
30
00101
498
33
998
33
01011
498
40
998
40
00111
498
44
998
44
00001
499
57
999
57
01101
499
68
999
68
00011
499
79
999
79
01111
499
90
999
90
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com