Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 16Page - National Semiconductor (TI) MF8 Datasheet HTML 17Page - National Semiconductor (TI) MF8 Datasheet HTML 18Page - National Semiconductor (TI) MF8 Datasheet HTML 19Page - National Semiconductor (TI) MF8 Datasheet HTML 20Page - National Semiconductor (TI) MF8 Datasheet HTML 21Page - National Semiconductor (TI) MF8 Datasheet HTML 22Page - National Semiconductor (TI) MF8 Datasheet HTML 23Page - National Semiconductor (TI) MF8 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20 Design Tables for Multiple Feedback Loop Bandpass Filters (Continued)
CHEBYSHEV
RIPPLE 06 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
12816
18857
14975
6
07530
06316
24305
25385
8
02952
02762
09212
05326
35329
CHEBYSHEV
RIPPLE 07 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
12283
17727
15852
6
07012
05834
22515
26724
8
02601
02535
08471
04535
37119
CHEBYSHEV
RIPPLE 08 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
11797
16731
16678
6
06564
05424
20983
27989
8
02314
02344
07846
03913
38811
CHEBYSHEV
RIPPLE 09 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
11347
15841
17464
6
06171
05068
19650
29194
8
02073
02181
07309
03413
40426
CHEBYSHEV
RIPPLE 10 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
10930
15039
18219
6
05822
04756
18475
30354
8
01869
02038
06840
03002
41981
CHEBYSHEV
RIPPLE 11 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
10539
14310
18949
6
05509
04479
17428
31476
8
01693
01913
06426
02660
43487
CHEBYSHEV
RIPPLE 12 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
10173
13643
19657
6
05226
04231
16487
32567
8
01540
01801
06056
02372
44952
CHEBYSHEV
RIPPLE 13 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
09828
13029
20348
6
04969
04006
15634
33633
8
01406
01701
05724
02125
46385
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com