Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 12Page - National Semiconductor (TI) MF8 Datasheet HTML 13Page - National Semiconductor (TI) MF8 Datasheet HTML 14Page - National Semiconductor (TI) MF8 Datasheet HTML 15Page - National Semiconductor (TI) MF8 Datasheet HTML 16Page - National Semiconductor (TI) MF8 Datasheet HTML 17Page - National Semiconductor (TI) MF8 Datasheet HTML 18Page - National Semiconductor (TI) MF8 Datasheet HTML 19Page - National Semiconductor (TI) MF8 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
10 Application Information (Continued)
TLH8694 – 19
FIGURE 11 Eighth-Order multiple-feedback bandpass filter using two MF8s The circuit shown
accepts a TTL-level clock signal and has a clock-to-center-frequency ratio of 1001
15 TRACKING AND CASCADED SECOND-ORDER
BANDPASS FILTERS
The individual second-order bandpass stages may be used
as ‘‘stand-alone’’ filters without adding external feedback
resistors The clock frequency and Q logic voltages set the
center frequency and bandwidth of both second-order
bandpass filters so the two filters will have equivalent re-
sponses Thus they may be used as separate ‘‘tracking’’
filters for two different signal sources as in
Figure 2a or
cascaded as in
Figure 2b For individual or cascaded sec-
ond-order bandpass filters the b3 dB bandwidth and the
amplitude response are given by the following two equa-
tions
BW(b3) e
f0
Q
02(1N) b 1
(1)
H(s) e
%
2 c
w0
Q
s
s2 a
w0
Q
s a w02
–
N
(2)
where
BW(b3) e the b3 dB bandwidth of the overall filter
TLH8694 – 20
FIGURE 12 H(s) For second-order bandpass filters with
various values of Q Ho normalized in each case to 0 dB
TLH8694 – 21
FIGURE 13 Design Nomograph for Cascaded
Identical Second-Order Bandpass Filters
Q
e
the Q of each second order bandpass stage
f0
e
the center frequency of the filter in Hertz
w0 e 2 qf0 e the center frequency of the filter in radians
per second
N
e
the number of cascaded second-order stages e
n
2
H(s) e the overall filter transfer function
H(s) for a second order bandpass filter is plotted in
Figure
12 Curves are shown for several different values of Q Cen-
ter frequency is normalized to 1 Hz and center-frequency
gain is normalized to 0 dB
To find the necessary order n for cascaded second-order
bandpass filters using the nomograph in
Figure 13 first de-
termine the b3 dB bandwidth BW(b3) stopband width
SBW and minimum stopband attenuation Amin Draw a ver-
tical line up from SBWBW(b3) and a horizontal line
across from Amin The required order is shown on the curve
just above the point of intersection of the two lines Remem-
ber that each second-order filter section will have a center
frequency gain of 2 so the overall gain of a cascaded filter
will be 2N
Cascading filters in this way may provide acceptable per-
formance when minimum external parts count is very impor-
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com