Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 4Page - National Semiconductor (TI) MF8 Datasheet HTML 5Page - National Semiconductor (TI) MF8 Datasheet HTML 6Page - National Semiconductor (TI) MF8 Datasheet HTML 7Page - National Semiconductor (TI) MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) MF8 Datasheet HTML 10Page - National Semiconductor (TI) MF8 Datasheet HTML 11Page - National Semiconductor (TI) MF8 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
10 Application Information (Continued)
TLH8694 – 6
FIGURE 2c Multiple Feedback Loop Connection
12 CLOCKS
The MF8 has two clock input pins one for CMOS logic lev-
els and the other for TTL levels The TTL (pin 7) input auto-
matically adjusts its switching threshold to enable operation
on either single or split power supplies When this input is
used the CMOS logic input should be connected to pin
11(Vb) The CMOS Schmitt trigger input at pin 8 accepts
CMOS logic levels When it is used the TTL input should be
connected to either pin 11 (Vb) or pin 12 (Va) The basic
clock hookups for single and split supply operation are
shown in
Figures 3 and 4
Clock signals derived from a crystal-controlled oscillator are
recommended when maximum center frequency accuracy
is desired but in less critical applications the MF8 can gen-
erate its own clock signal as in
Figures 3c and 4c An exter-
nal resistor and capacitor determine the oscillation frequen-
cy Tolerance of these components and part-to-part varia-
tions in Schmitt-trigger logic thresholds limit the accuracy of
the RC clock frequency In the self-clocked mode the TTL
Clock input should be connected to either pin 11 or pin 12
TLH8694 – 7
(a) MF8 Driven with CMOS Logic Level Clock
TLH8694 – 8
(b) MF8 Driven with TTL Logic Level Clock
fCLK e
1
RC ln

VS b VT
b
VS b VT
a
J
VT
a
VT
b
J
Typically for VS e 10V
fCLK e
1
169 RC
VS e Va b Vb
TLH8694 – 9
(c) MF8 Driven with Schmitt Trigger Oscillator
FIGURE 3 Dual Supply Operation
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com