Electronic Components Datasheet Search
  English  ▼

X  

MF8 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 5Page - National Semiconductor (TI) MF8 Datasheet HTML 6Page - National Semiconductor (TI) MF8 Datasheet HTML 7Page - National Semiconductor (TI) MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) MF8 Datasheet HTML 10Page - National Semiconductor (TI) MF8 Datasheet HTML 11Page - National Semiconductor (TI) MF8 Datasheet HTML 12Page - National Semiconductor (TI) MF8 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
10 Application Information (Continued)
13 POWER SUPPLIES AND ANALOG GROUND
The MF8 can be operated from single or dual-polarity power
supplies For dual-supply operation the analog ground (pin
4) should be connected to system ground When single sup-
plies are used pin 4 should be biased to Va 2 as in
Figures
3 and 4 The input signal should either be capacitively cou-
pled to the filter input or biased to Va 2 It is strongly rec-
ommended that each power supply pin be bypassed to
ground with at least a 01 mF ceramic capacitor In single
supply applications with Vb connected to ground Va and
AGND should be bypassed to system ground
TLH8694 – 10
(a) MF8 Driven with CMOS Logic Level Clock
TLH8694 – 11
(b) MF8 Driven with TTL Logic Clock
fCLK e
1
RCIN

VS b VTb
VS b VTa
J
V
T
a
V
T
b
J
Typically for VS e 10V
fCLK e
1
169 RC
TLH8694 – 12
(c) MF8 Driven with the Schmitt Trigger Oscillator
FIGURE 4 Single supply operation The AGND pin must be biased to mid-supply
The input signal should be dc biased to mid-supply or capacitor-coupled to the input pin
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com